công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • E5C2-R40JD

  • AI
    The **OMRON E5C2-R40JD** is an analog temperature controller designed for simple, reliable temperature management in industrial processes. It is a DIN-sized (48x48mm) device primarily used with thermocouple inputs. --- ## 1. Core Technical Specifications The "R40JD" suffix provides specific information about its internal configuration and capabilities: | Feature | Specification | | :--- | :--- | | **Control Mode** | ON/OFF Control (fixed) | | **Input Type** | Thermocouple (usually Type J or K, specific to sub-model) | | **Output Type** | Relay Output (SPDT) | | **Supply Voltage** | 100/110/120 VAC or 200/220/240 VAC (50/60 Hz) | | **Capacity** | 3A at 250 VAC | | **Mounting** | 8-pin Plug-in (compatible with P2CF-08 sockets) | --- ## 2. Internal Electronic Architecture The electronics of the E5C2 series are characterized by their **analog** nature, differing from modern digital PID controllers. ### A. The Input Circuit (Thermocouple) The controller uses a high-impedance amplifier to read the millivolt (mV) signals generated by a thermocouple. Because thermocouples are sensitive to electrical noise, the E5C2 includes basic filtering components to stabilize the reading. ### B. Comparator & Set-Point Logic Unlike digital units that use a microprocessor, the E5C2 uses a **comparator circuit**: * The large front dial is a potentiometer that sets a reference voltage. * The comparator compares the thermocouple voltage (actual temp) against the reference voltage (set-point). * **Hysteresis:** A small electronic "buffer" (usually 0.5% of the scale) is built-in to prevent the relay from "chattering" (rapidly turning on/off) when the temperature is exactly at the set-point. ### C. The Output Relay The final electronic stage is a mechanical relay. When the temperature drops below the set-point, a transistor drives the relay coil to close the contacts, providing power to your heater or contactor. --- ## 3. Wiring Diagram (8-Pin Configuration) The E5C2-R40JD uses a standard 8-pin circular base. Below is the typical pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Power Supply | AC Voltage input (check side label for voltage) | | **3, 4, 5** | Relay Output | 3 (Common), 4 (Normally Open), 5 (Normally Closed) | | **7 & 8** | Input | Thermocouple connection (Pin 8 is usually Positive) | --- ## 4. Key Electronic Limitations * **No PID Control:** Because it is an ON/OFF controller, the temperature will slightly overshoot the target. * **Mechanical Wear:** The internal relay has a finite lifespan (approx. 100,000 cycles). If used for rapid switching, the relay will eventually fail. * **Analog Precision:** The setting accuracy is roughly ±2% of the full scale, which is less precise than a digital LCD controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E5C2-R and the E5C2-Q models?
    • ⤷ How do I wire a Type K thermocouple to this specific controller?
    • ⤷ Can I replace the internal relay if it burns out?