E3JK-R2M12M
AI

### Overview of E3JK-R2M12M
The **E3JK-R2M12M** is a high-performance, long-distance retro-reflective photoelectric sensor produced by Omron. It is widely used in industrial automation due to its built-in power supply and versatile output relay.
---
### Technical Specifications
The following table summarizes the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 2.5 meters (when using E39-R1 reflector) |
| **Supply Voltage** | 24 to 240 VAC / 24 to 240 VDC |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Contact Capacity** | 3A at 250 VAC (Resistive Load) |
| **Response Time** | 20 ms maximum |
| **Light Source** | Red LED (Visible) |
| **Indicator** | Light indicator (Red) and Stability indicator (Green) |
| **Connection** | Pre-wired cable (2 meters) |
---
### Core Electronic Components
#### 1. Multi-Voltage Power Supply
One of the standout electronic features of the E3JK series is the **Multi-voltage circuit**. Unlike standard sensors that require a specific 12V or 24V DC input, the R2M12M can handle a wide range of AC and DC inputs (24-240V). This is achieved through an internal switching regulator that stabilizes the voltage for the internal sensing logic.
#### 2. Retro-reflective Logic
The sensor contains both an **Emitter** and a **Receiver** in the same housing:
* **Emitter:** Sends a pulse of red light towards a reflector.
* **Receiver:** Monitors the returning light. If an object breaks the beam, the receiver circuit triggers the internal relay.
#### 3. SPDT Relay Output
Instead of a transistor output (NPN/PNP), this model uses a **mechanical relay**.
* **Terminals:** It provides Common (COM), Normally Open (NO), and Normally Closed (NC) contacts.
* **Advantage:** This allows the sensor to switch high-power AC loads directly without needing an external interface relay.
#### 4. Sensitivity Adjustment
The unit typically features a **Potentiometer** located on the back or top. This allows the user to fine-tune the detection threshold to account for dusty environments or semi-transparent objects.
---
### Wiring Configuration
The cable usually follows standard color coding for Omron relay sensors:
* **Brown / Blue:** Power Supply (Non-polar, 24-240V AC/DC).
* **White:** Relay Common (COM).
* **Black:** Relay Normally Open (NO).
* **Gray:** Relay Normally Closed (NC).
---
- ⤷
What is the difference between the E3JK-R2M1 and the E3JK-R2M2 versions?
- ⤷ Can this sensor be used to detect transparent glass or plastic?
- ⤷ What are the mounting precautions to avoid interference from ambient light?