công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • E3F3-R12M-L

  • AI
    The **E3F3-R12M-L** is a specific model of photoelectric sensor, typically part of the E3F3 series manufactured by Omron (or compatible manufacturers). This model is a **Retro-reflective** sensor with a built-in amplifier. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (Requires a reflector) | | **Sensing Distance** | Typically 0.1 to 2 meters (depending on reflector used) | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Connection Method** | Pre-wired Cable (usually 2m) | | **Light Source** | Red LED (Visible) | | **Supply Voltage** | 12 to 24 VDC | | **Response Time** | Max 1ms | | **Housing Material** | Plastic (ABS) / Brass Nickel Plated | --- ### 2. Electronic Component Breakdown #### A. The Emitter and Receiver (Transceiver) Unlike Through-beam sensors which have two separate units, the **E3F3-R12M-L** contains both the light-emitting diode (Emitter) and the phototransistor (Receiver) in the same housing. * **The Emitter:** Pulses a red light toward a reflector. * **The Receiver:** Waits for the light to bounce back. If an object breaks this beam, the sensor triggers. #### B. Internal Circuitry (The Amplifier) The "M" in the model number often signifies a built-in amplifier. This circuitry: 1. **Modulates** the light beam to prevent interference from ambient room lighting. 2. **Amplifies** the small electrical signal from the phototransistor. 3. **Compares** the signal against a threshold to determine if an object is present. #### C. Control Output The sensor uses a solid-state switch (transistor) rather than a mechanical relay. * **NPN/PNP:** It provides a digital signal (High/Low) to a PLC or controller. * **Load Current:** Usually capable of switching up to 100mA. --- ### 3. Wiring Diagram (Typical) Standard color coding for these sensors follows industrial conventions: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Positive Power Supply (+12V to +24V) | | **Blue** | GND | Negative Power Supply (0V) | | **Black** | Output | Control Signal (Load connection) | --- ### 4. Operational Modes * **Dark-ON:** Output is ON when the light beam is interrupted (object is present). * **Light-ON:** Output is ON when the light beam is received (no object present). * *Note: On many E3F3 models, this is fixed or selectable via a control wire (White).*
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor?
    • ⤷ How do I align the sensor with a reflector for maximum range?
    • ⤷ Can this sensor detect transparent objects like glass?