công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • E3F3-R12M-D

  • AI
    ## Overview of E3F3-R12M-D The **E3F3-R12M-D** is a high-performance photoelectric sensor, specifically a **Retro-reflective** model within the M18 cylindrical housing family. It is widely used in industrial automation for object detection. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Type** | Retro-reflective (requires a reflector) | | **Sensing Distance** | 0.1 to 2 meters (standard) | | **Output Type** | DC 3-wire, NPN | | **Operation Mode** | Light-ON / Dark-ON (Selectable via wiring) | | **Supply Voltage** | 12 to 24 VDC | | **Current Consumption** | 30 mA max. | | **Response Time** | 1 ms max. | | **Housing Diameter** | M18 (18mm) | | **Material** | Plastic (ABS) | --- ### 2. Electronic Components & Internal Logic The internal circuitry of the E3F3-R12M-D consists of several critical stages: 1. **Emitter Stage:** An Infrared (IR) LED pulses light at a specific frequency. Pulsing helps the sensor distinguish its own light from ambient light or sunlight. 2. **Receiver Stage:** A Phototransistor or Photodiode tuned to the IR spectrum. It includes a band-pass filter to reject interference. 3. **Comparator & Amplifier:** The weak signal from the receiver is amplified and compared against a threshold (adjusted via the sensitivity trimmer, if present). 4. **Output Driver:** An **NPN Transistor**. When an object is detected, the transistor switches, pulling the output load to the negative rail (0V). --- ### 3. Wiring Configuration The sensor typically follows the standard industrial color-coding for DC 3-wire sensors: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +VCC | Positive Power Supply (12-24V DC) | | **Blue** | 0V / GND | Negative Power Supply / Common | | **Black** | Output | Signal Output (NPN) | --- ### 4. Detection Principle: Retro-reflective Unlike through-beam sensors (which need two separate units), the **E3F3-R12M-D** houses both the emitter and receiver in one body. * **Idle State:** Light travels from the emitter, hits a reflector (e.g., E39-R1), and returns to the receiver. * **Detection State:** An object passes between the sensor and the reflector, breaking the beam. The circuit detects the drop in returned light and triggers the NPN output. --- ### 5. Application Precautions * **Alignment:** Ensure the sensor is pointed directly at the reflector for maximum signal strength. * **Surface Reflectivity:** If the object being detected is highly shiny (like a mirror), the sensor might "see" the object as a reflector and fail to trigger. In such cases, a polarized version is required. * **Environment:** The sensor is generally rated **IP66/67**, meaning it is protected against dust and water jets, but should not be submerged.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in this sensor series?
    • ⤷ How do I wire this sensor to a PLC input?
    • ⤷ Can this sensor detect transparent objects like glass or clear plastic?