E3B2-R5M4D-US
AI

The **E3B2-R5M4D-US** is a legacy industrial photoelectric sensor manufactured by Omron. It is a **Retro-reflective** sensor, meaning it emits a beam of light towards a reflector and triggers when an object breaks that beam.
---
## Technical Specifications
Below are the core electronic and operational parameters for this model:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | Up to 5 meters (approx. 16.4 ft) |
| **Supply Voltage** | Multi-voltage: 24 to 240 VAC or 12 to 240 VDC |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Switching Capacity** | 3A at 250 VAC (Resistive Load) |
| **Light Source** | Infrared LED |
| **Response Time** | 20 ms maximum |
| **Operation Mode** | Light-ON / Dark-ON (Selectable via switch) |
| **Protection Rating** | IP66 (Dust-tight and water-resistant) |
---
## Key Components & Internal Electronics
### 1. Power Supply Circuit
One of the defining features of the E3B2 series is its **universal power supply**. Internally, it contains a bridge rectifier and a voltage regulator that allows it to accept a wide range of AC and DC inputs without needing a separate power converter.
### 2. The Optical System
* **Emitter:** An Infrared (IR) LED that pulses light to reduce interference from ambient light (sunlight or room lighting).
* **Receiver:** A phototransistor tuned specifically to the frequency of the IR emitter.
* **Lens:** Specialized optics designed to focus the beam over a 5-meter range.
### 3. Relay Output (Electromechanical)
Unlike modern sensors that use NPN/PNP transistors, the **R5M4D** suffix indicates a **relay output**.
* **Advantage:** It can switch high-current AC loads directly.
* **Internal Component:** A mechanical SPDT relay that provides physical "Dry Contacts" (Common, Normally Open, Normally Closed).
### 4. Adjustments and Indicators
* **Sensitivity Potentiometer:** Allows the user to fine-tune the threshold to account for dusty environments or semi-transparent objects.
* **Operation Switch:** A small internal slide switch to toggle between **Light-ON** (relay energizes when the beam is clear) and **Dark-ON** (relay energizes when the beam is blocked).
* **LED Indicators:** Usually features a Red LED for "Output Status" and sometimes a Green LED for "Stability" (indicating the signal strength is sufficient).
---
## Wiring Configuration
Typical wiring for the E3B2-R5M4D-US involves five terminals:
1. **Terminals 1 & 2:** Power Input (24-240V AC/DC, non-polarized).
2. **Terminal 3:** Relay Common (COM).
3. **Terminal 4:** Normally Closed (NC).
4. **Terminal 5:** Normally Open (NO).
---
## Application Note
Because this model uses a mechanical relay, it has a finite mechanical life (usually around 50 million operations) and a slower response time (20ms) compared to solid-state sensors. It is best suited for conveyor counting, gate automation, and presence detection where high-speed switching is not required.
- ⤷How do I wire the E3B2-R5M4D-US for a 120VAC motor control circuit?
- ⤷ What is the difference between the E3B2 and the newer E3JK series?
- ⤷ How do I troubleshoot a weak signal on a retro-reflective sensor?