công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • E32-R

  • AI
    ## Overview: E32-R Series Fiber Optic Sensors The **E32-R series** refers to a line of fiber optic sensing heads manufactured primarily by Omron. These components are "passive" optical cables that must be paired with an **E3K-series** or **E3X-series** fiber amplifier to function as a complete electronic sensing system. ### 1. Key Technical Specifications The E32-R series typically utilizes a **Retro-reflective** sensing method. This means the emitter and receiver are housed in one fiber head, and the light is bounced back by a reflector. | Feature | Specification (Typical) | | :--- | :--- | | **Sensing Method** | Retro-reflective | | **Fiber Material** | Plastic (PMMA) or Glass (special variants) | | **Core Diameter** | Standard 1.0 mm or 2.2 mm | | **Standard Sensing Distance** | 100 mm to 1,000 mm (amplifier dependent) | | **Minimum Bend Radius** | R10 to R25 (depending on model) | | **Ambient Temperature** | -40°C to +70°C | --- ### 2. Physical Structure and Components The E32-R "part" is composed of several physical elements designed to transmit light signals without electrical interference: 1. **The Head:** Usually a threaded cylindrical shape (M3 or M4) or a flat rectangular block. This is where the light exits and returns. 2. **The Fiber Core:** The internal waveguide that carries the light pulse. 3. **The Sheath:** A protective outer layer (usually Polyethylene) that prevents physical damage and light leakage. 4. **The Reflector:** (Required) A separate mirror-like component (e.g., E39-R1) that returns the light to the head. --- ### 3. Electronic Integration Since the E32-R itself has no electrical wires (only optical fibers), it connects to an **Amplifier Unit**. Here is how the electronic logic works: * **Light Source:** The amplifier's LED (Red, Green, or Infrared) sends light into the E32-R fiber. * **Light Path:** Light travels through the fiber $\rightarrow$ exits the head $\rightarrow$ hits the reflector $\rightarrow$ returns to the head $\rightarrow$ travels back through the second fiber. * **Signal Processing:** The amplifier detects the intensity of the returning light. * **Output:** If an object breaks the beam, the amplifier's internal electronics trigger a **PNP/NPN transistor output** or a **IO-Link signal**. ### 4. Application Advantages * **EMI/RFI Immunity:** Because no electricity flows to the sensing head, it is immune to electrical noise and magnetic fields. * **Space Saving:** The heads are significantly smaller than self-contained photoelectric sensors. * **Explosion Proof:** Safe for use in hazardous areas because there is no risk of electrical sparking at the sensing point. ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the E32-R21 and E32-R16 models?
    • ⤷ Which Omron fiber amplifiers are compatible with the E32-R series?
    • ⤷ How do you calculate the sensing distance for retro-reflective fibers?