công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • E200-R22-D1PR

  • AI
    The **E200-R22-D1PR** is a specific model within the series of industrial high-performance vector control inverters (Variable Frequency Drives - VFDs). These devices are used to regulate the speed and torque of AC motors by varying the frequency and voltage of the power supply. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Type** | High-performance Vector Control Inverter | | **Input Voltage** | 3-Phase 380V - 480V AC | | **Power Rating** | 22 kW (approx. 30 HP) | | **Control Mode** | Sensorless Vector Control (SVC), V/F Control | | **Braking Unit** | Built-in (usually indicated by the 'R' or 'D' suffix) | | **Protection Class** | IP20 (Standard Industrial Indoor) | --- ### 2. Internal Electronic Architecture The E200 series utilizes a standard power conversion architecture consisting of four main stages: #### A. Rectifier Stage (AC to DC) * **Components:** Bridge Rectifiers. * **Function:** Converts the incoming 3-phase AC voltage into a pulsating DC voltage. #### B. DC Bus / Intermediate Circuit * **Components:** Large Aluminum Electrolytic Capacitors and Inductors (Choke). * **Function:** Smooths the rectified DC voltage and acts as an energy reservoir to handle load surges. #### C. Inverter Stage (DC to AC) * **Components:** **IGBTs (Insulated Gate Bipolar Transistors)**. * **Function:** The "heart" of the device. These high-speed switches use Pulse Width Modulation (PWM) to reconstruct an AC waveform at the desired frequency and voltage for the motor. #### D. Control & Logic Unit * **Components:** DSP (Digital Signal Processor) or MCU (Microcontroller). * **Function:** Processes the PID loops, monitors current sensors for overcurrent protection, and handles communication protocols (Modbus/RS485). --- ### 3. Interface and Connectivity The device includes several electronic I/O terminals for integration into automation systems: 1. **Analog Inputs (AI):** Typically 0-10V or 4-20mA for frequency referencing. 2. **Digital Inputs (DI):** For Start/Stop, Forward/Reverse, and multi-speed commands. 3. **Relay Outputs:** For fault signaling or status indication. 4. **Communication Port:** RS485 port for PLC integration via Modbus RTU. --- ### 4. Programming and Protection The electronic firmware provides several protection layers to prevent hardware failure: * **Overcurrent/Overvoltage Protection:** Fast shutdown to protect IGBTs. * **Overload Protection:** Thermal modeling of the motor to prevent burnout. * **Phase Loss Detection:** Monitors input/output phases for balance. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between V/F control and Sensorless Vector Control in this model?
    • ⤷ How do I wire the braking resistor to the E200-R22-D1PR?
    • ⤷ What are the common fault codes for the E200 series?