DTM13-12PC-R008
AI

The **DTM13-12PC-R008** is a specialized automotive-grade electronic connector from the **DEUTSCH DTM Series**, manufactured by TE Connectivity. It is primarily used in harsh environment applications such as commercial vehicles, agriculture, and marine electronics.
---
### ## Technical Specifications
| Component Feature | Details |
| :--- | :--- |
| **Connector Type** | Receptacle (Header) |
| **Number of Positions** | 12 |
| **Contact Size** | Size 20 |
| **Current Rating** | 7.5 Amps per contact |
| **Mounting Type** | PCB Mount (Right Angle) |
| **Keying** | Key C (Green Color Coding) |
| **Ingress Protection** | IP68 / IP6K9K (when mated) |
| **Operating Temp** | -55°C to +125°C |
---
### ### Key Electronic & Structural Parts
1. **Contact Interface (Size 20 Pins):**
The header features 12 pins designed for low-current signal transmissions. These are typically gold or tin-plated copper alloy to ensure high conductivity and resistance to oxidation.
2. **Thermoplastic Housing:**
The body is made of high-grade, rugged thermoplastic. The "PC" designation indicates **Keying C**, which prevents mis-mating with other DTM connectors in complex wiring harnesses.
3. **Right-Angle PCB Tails:**
The "R008" suffix identifies the specific modification for **Right-Angle PCB mounting**. The pins are bent at 90 degrees to allow the connector to sit flush on a printed circuit board while the interface faces outward.
4. **Integrated Environmental Seal:**
The connector utilizes a silicone rubber interface seal. When mated with a DTM06-12SC plug, it creates a vacuum-tight seal against moisture, dust, and engine fluids.
---
### ### Typical Application Circuit
In an electronic control unit (ECU), the DTM13-12PC-R008 acts as the bridge between the internal PCB and the external sensor network.
```cpp
// Logic Representation of Pin Assignment (Example)
Pin 1-4: CAN-Bus High/Low & Power Supply
Pin 5-8: Analog Sensor Inputs (0-5V)
Pin 9-12: Digital Ground and PWM Outputs
```
---
- ⤷
What is the difference between Key C and other keying options in the DTM series?
- ⤷ Which mating connector (plug) is compatible with the DTM13-12PC-R008?
- ⤷ Can this connector be used in high-vibration environments like engine blocks?