công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DTC143EL-AL3-R

  • AI
    ### Overview of DTC143EL-AL3-R The **DTC143EL-AL3-R** is a **Digital Transistor** (also known as a Pre-biased Transistor or Resistor-Equipped Transistor - RET). It is essentially an NPN bipolar junction transistor with integrated resistors, designed to simplify circuit design by reducing component count and saving board space. --- ### Key Internal Components Unlike a standard NPN transistor, this device contains two built-in resistors: 1. **Series Base Resistor ($R_1$):** Limits the input current. 2. **Base-Emitter Resistor ($R_2$):** Ensures the transistor stays off when the input is floating and stabilizes the device. | Parameter | Value / Specification | | :--- | :--- | | **Transistor Type** | NPN | | **$R_1$ (Input Resistor)** | 4.7 kΩ | | **$R_2$ (Base-Emitter Resistor)** | 4.7 kΩ | | **Ratio ($R_1 / R_2$)** | 1.0 | | **Package Type** | SOT-23 (Typical for AL3 suffix) | | **Max Collector Current ($I_C$)** | 100 mA | | **Supply Voltage ($V_{CC}$)** | 50 V | --- ### Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics for the DTC143E series: | Property | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Supply Voltage | $V_{CC}$ | 50 | V | | Input Voltage | $V_{IN}$ | -10 to +30 | V | | Output Current | $I_O$ | 100 | mA | | Power Dissipation | $P_D$ | 150 - 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### Typical Applications Because the resistors are integrated, the DTC143EL is primarily used for switching and interfacing between different logic levels. * **Inverter/Switching Circuits:** Used to turn on LEDs, relays, or small motors. * **Logic Level Shifting:** Interfacing a low-voltage microcontroller (e.g., 3.3V) with a higher voltage load. * **Driver Circuits:** Acting as a buffer for digital signals to prevent loading the source. ### Comparison: Standard NPN vs. Digital Transistor ```c // Conventional NPN Setup: [Signal] ---> [External Resistor] ---> [Base of Transistor] // DTC143EL Setup: [Signal] ----------------------------> [Pin 1 (Input) of DTC143EL] // The resistor is already inside the plastic housing! ``` --- ### Pin Configuration (SOT-23) 1. **GND (Emitter):** Usually connected to the common ground. 2. **IN (Base):** Receives the control signal. 3. **OUT (Collector):** Connected to the load.
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of using a digital transistor over a discrete NPN and resistor?
    • ⤷ How does the R1/R2 ratio affect the switching threshold of the transistor?
    • ⤷ Can the DTC143EL be used for high-frequency PWM switching?