công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DTC143E-AL3-R

  • AI
    ### Overview of DTC143E-AL3-R The **DTC143E-AL3-R** is a **NPN Digital Transistor** (also known as a Pre-biased Transistor). It is designed to simplify circuit design by integrating a standard bipolar junction transistor (BJT) with internal bias resistors. --- ### 1. Key Internal Components Unlike a standard transistor, this device contains: * **NPN Transistor:** The core switching element. * **Series Base Resistor ($R1$):** Limits input current. * **Base-Emitter Resistor ($R2$):** Ensures the transistor turns off properly and improves stability. | Parameter | Value | | :--- | :--- | | **Input Resistor ($R1$)** | 4.7 kΩ | | **Bias Resistor ($R2$)** | 4.7 kΩ | | **Resistor Ratio ($R1/R2$)** | 1.0 | --- ### 2. Technical Specifications The electrical characteristics define its operating limits: | Specification | Limit / Rating | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 50 V | | **Input Voltage ($V_{IN}$)** | -10 V to +30 V | | **Output Current ($I_O$)** | 100 mA | | **Power Dissipation ($P_D$)** | 150 mW (Typical for SOT-723/AL3 package) | | **Junction Temperature ($T_j$)** | 150°C | --- ### 3. Benefits and Applications #### Why use a Digital Transistor? 1. **Space Saving:** Eliminates the need for two external resistors per transistor. 2. **Cost Reduction:** Reduces the bill of materials (BOM) and assembly time. 3. **Direct Drive:** Can be driven directly from logic gates (TTL/CMOS) without additional components. #### Common Use Cases: * **Inverters:** Creating logic NOT gates. * **Switching:** Turning on LEDs, relays, or small motors. * **Interface Circuits:** Bridging different voltage levels between a microcontroller and a peripheral. --- ### 4. Package Information (AL3-R) The "AL3-R" suffix typically refers to the **SOT-723** package type and the tape-and-reel packaging format. * **SOT-723:** An ultra-small surface-mount package, ideal for high-density portable electronics like smartphones or tablets. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP digital transistor?
    • ⤷ How do I calculate if the 4.7k ohm resistor is sufficient for my logic level?
    • ⤷ What are the pinout configurations for the SOT-723 package?