công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DTC115EG-AL3-R

  • AI
    ## Technical Overview of DTC115EG-AL3-R The **DTC115EG-AL3-R** is a NPN Digital Transistor (also known as a Pre-biased Transistor). It is designed to simplify circuit design by integrating a transistor and a resistor network into a single package, primarily used for switching and interface applications. --- ### 1. Key Internal Components Unlike a standard Bipolar Junction Transistor (BJT), this device includes two internal resistors: * **Series Base Resistor ($R_1$):** Limits the input current. * **Base-Emitter Resistor ($R_2$):** Acts as a pull-down resistor to ensure the transistor turns off completely when the input is low and improves stability. ### 2. Technical Specifications The following table summarizes the primary electrical characteristics: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Polarity** | NPN | - | | **Supply Voltage ($V_{CC}$)** | 50 | V | | **Input Voltage ($V_{IN}$)** | -10 to +40 | V | | **Output Current ($I_O$)** | 100 | mA | | **Input Resistor ($R_1$)** | 100 | k$\Omega$ | | **Resistor Ratio ($R_1/R_2$)** | 1 | - | | **Package Type** | SOT-323 (AL3) | - | --- ### 3. Circuit Integration Benefits Using a pre-biased transistor like the DTC115EG offers several advantages in electronic design: 1. **Space Saving:** Eliminates the need for two external resistors, reducing the PCB footprint. 2. **Cost Reduction:** Lowers the Bill of Materials (BOM) count and reduces assembly time. 3. **Simplified Logic Interfacing:** Can be driven directly by digital ICs or microcontrollers without additional biasing components. ### 4. Typical Applications * **Inverters:** Signal inversion in logic circuits. * **Interface Circuits:** Connecting high-voltage peripherals to low-voltage microcontrollers. * **Switching:** Driving small loads like LEDs, buzzers, or relays (up to 100mA). --- ### 5. Equivalent Schematic The internal structure follows this logic: ```text (Base) R1 (Collector) IN >----/\/\/\---+-----> OUT | \ R2 / (Transistor) \ | (Emitter/GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DTC (NPN) and DTA (PNP) series?
    • ⤷ How do I calculate the power dissipation for the SOT-323 package in this device?
    • ⤷ Can this transistor be used for high-frequency PWM switching?