DTA115TL-AE3-R
AI

The **DTA115TL-AE3-R** is a digital transistor (also known as a Resistor-Equipped Transistor or RET). It is designed to simplify circuit design by integrating a standard bipolar junction transistor (BJT) with internal bias resistors.
### 1. Technical Specifications
Below are the key electrical and physical characteristics of the DTA115TL-AE3-R:
| Parameter | Specification |
| :--- | :--- |
| **Polarity** | PNP |
| **Type** | Digital Transistor (Built-in Resistors) |
| **Package Type** | SOT-23 |
| **Collector-Emitter Voltage ($V_{CEO}$)** | -50V |
| **Collector Current ($I_C$)** | -100mA |
| **Input Resistance ($R1$)** | 100 kΩ |
| **Bias Resistance ($R2$)** | None (Open) |
| **Power Dissipation ($P_D$)** | 200mW |
---
### 2. Internal Structure and Configuration
The DTA115TL belongs to the "Digital Transistor" family. Unlike a standard PNP transistor, it includes an integrated series resistor at the base.
* **Internal Circuitry:** It contains a single series resistor ($R1$) between the input terminal and the base of the PNP transistor.
* **Purpose of $R1$:** The 100 kΩ resistor limits the base current, allowing the device to be driven directly by logic gates (like a microcontroller) without needing an external current-limiting resistor.
* **Missing $R2$:** The "L" in the part number indicates a specific resistor configuration where there is no emitter-base resistor ($R2$ is open).
---
### 3. Pinout Mapping (SOT-23)
The device is packaged in a standard 3-pin surface mount SOT-23 package.
1. **Pin 1 (IN):** Input (connected to the internal $R1$ resistor).
2. **Pin 2 (GND/Emitter):** Connected to the Emitter.
3. **Pin 3 (OUT/Collector):** Connected to the Collector.
---
### 4. Typical Applications
This component is primarily used as a switch in low-power circuits. Common use cases include:
* **Inverter/Switching:** Switching loads such as LEDs, small relays, or buzzers.
* **Interface Circuits:** Bridging different voltage logic levels.
* **Space Saving:** Reducing the Bill of Materials (BOM) and PCB footprint by eliminating external resistors.
---
### 5. Part Number Breakdown
Understanding the suffix codes:
* **DTA:** Digital PNP Transistor.
* **115:** Resistor value code (100 kΩ).
* **T:** Resistor configuration (Series resistor only).
* **AE3:** Package code for SOT-23.
* **R:** Tape and Reel packaging.
- ⤷What is the difference between DTA and DTC series transistors?
- ⤷ How do I calculate the saturation voltage for this digital transistor?
- ⤷ Can this transistor be used for high-frequency switching applications?