AI

The **DSP2A-L2-DC3V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is specifically designed for high-density mounting and efficient power switching in compact electronic circuits.
---
## 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific capabilities of this component:
| Code Segment | Meaning |
| :--- | :--- |
| **DSP** | Series Name (DSP Power Relays) |
| **2A** | Contact Arrangement: 2 Form A (DPST-NO / Double Pole Single Throw, Normally Open) |
| **L2** | Operating Function: **2-Coil Latching** type |
| **DC3V** | Rated Coil Voltage: 3 Volts DC |
| **R** | Reverse Polarity Type (Pinout configuration variant) |
---
## 2. Key Technical Specifications
### Coil Data (Input)
* **Nominal Voltage:** 3V DC
* **Set/Reset Voltage:** Max 70% of nominal (approx. 2.1V)
* **Nominal Operating Power:** Approx. 300mW
* **Latching Mechanism:** Since it is "L2" (2-coil latching), it uses one coil to "Set" the relay and a separate coil to "Reset" it. This allows the relay to maintain its state without continuous power consumption.
### Contact Data (Output)
* **Max Switching Current:** 5A
* **Max Switching Voltage:** 250V AC / 30V DC
* **Contact Material:** AgSnO2 (Silver Tin Oxide) base with Gold plating (Gold clad)
* **Expected Life:** 100,000 operations at rated load.
---
## 3. Notable Features
1. **High Sensitivity:** Requires very low power to toggle, making it compatible with many microcontroller outputs (though a transistor driver is still recommended).
2. **Compact Size:** Designed with a small footprint for PCB (Printed Circuit Board) mounting.
3. **High Breakdown Voltage:** Offers high surge resistance between contacts and coil (up to 3,000V).
4. **Latching Advantage:** Once the relay is switched, it stays in that position until a pulse is sent to the second coil. This is ideal for battery-powered devices to save energy.
---
## 4. Typical Applications
* **Office Automation:** Printers, copiers, and fax machines.
* **Consumer Electronics:** Air conditioners, audio-visual equipment.
* **Industrial Equipment:** Programmable Logic Controllers (PLCs) and temperature controllers.
* **Battery Operated Systems:** Because it only requires a momentary pulse to switch, it extends battery life significantly.
---
- ⤷
How does the wiring for a 2-coil latching relay differ from a standard non-latching relay?
- ⤷ What are the specific pinout dimensions for the DSP2A series?
- ⤷ Can this relay be driven directly by an Arduino 3.3V pin without a transistor?