AI

The **DSP2A-L2-DC12V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in industrial control, home appliances, and office automation due to its compact size and high switching capacity.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code explains the core specifications:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **DSP** | Series Name | DSP Series (Polarized Power Relay) |
| **2A** | Contact Form | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) |
| **L2** | Operating Function | 2-Coil Latching Type |
| **DC12V** | Rated Coil Voltage | 12 Volts Direct Current |
| **R** | Special Feature | Reverse Polarity Type (Standard polarity available without 'R') |
---
### 2. Key Technical Specifications
This relay is known for balancing a small footprint with the ability to handle significant electrical loads.
#### Electrical Characteristics
* **Contact Rating:** 5A 250V AC / 5A 30V DC.
* **Max. Switching Power:** 1,250 VA / 150 W.
* **Contact Resistance:** Max 30 mΩ.
* **Nominal Operating Power:** Approx. 300 mW.
#### Coil Data (12V DC)
* **Set Voltage:** 80% of nominal voltage (9.6V).
* **Reset Voltage:** 80% of nominal voltage (9.6V).
* **Coil Resistance:** 480 Ω (±10%).
---
### 3. Features and Advantages
* **2-Coil Latching:** Unlike standard non-latching relays, this part uses two coils. One pulse to the "set" coil closes the contacts, and they remain closed even after power is removed. A pulse to the "reset" coil opens them. This makes it extremely **energy efficient** for long-duration operations.
* **Polarized Design:** Uses a permanent magnet in conjunction with the electromagnet, increasing sensitivity and allowing for a more compact size.
* **High Breakdown Voltage:** Provides 3,000 Vrms between contacts and coil, ensuring safety and isolation.
* **Compact Dimensions:** Typically measures 20.2 mm × 11 mm × 10 mm.
---
### 4. Typical Applications
The DSP2A-L2-DC12V-R is commonly found in:
1. **Energy Management:** Smart meters and power saving circuits where the relay stays in one state for long periods.
2. **Industrial Equipment:** PLC output modules and security systems.
3. **Consumer Electronics:** Air conditioners, microwave ovens, and audio-visual equipment.
---
### 5. Wiring Diagram Logic (Simplified)
Because this is a **2-coil latching** relay, the PCB layout must account for three main points on the coil side:
1. **Common Terminal:** Usually the center pin.
2. **Set Terminal:** Energize to close the 2 Form A contacts.
3. **Reset Terminal:** Energize to open the 2 Form A contacts.
- ⤷
What is the difference between the 'R' (Reverse) and standard polarity versions of this relay?
- ⤷ How does a 2-coil latching relay differ from a single-coil latching relay in terms of PCB design?
- ⤷ Can this relay be used for switching inductive loads like small motors?