AI

The **DSP1A-DC6V-R** is a high-performance, subminiature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in industrial automation, consumer electronics, and power control circuits due to its compact size and high switching capacity.
---
## 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the DSP1A-DC6V-R:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO - Single Pole Single Throw, Normally Open) |
| **Coil Voltage** | 6V DC |
| **Contact Rating (Resistive)** | 8A @ 250V AC / 5A @ 30V DC |
| **Max. Switching Voltage** | 250V AC / 30V DC |
| **Coil Power Consumption** | Approx. 300 mW |
| **Terminal Type** | Through Hole (PCB Mount) |
| **Contact Material** | AgSnO₂ (Silver Tin Oxide) |
| **Sealing Rating** | Sealed (Protective construction for soldering/washing) |
---
## 2. Key Features
* **High Sensitivity:** The relay operates with a low nominal power consumption of 300mW, making it compatible with many transistor/IC drivers.
* **High Breakdown Voltage:** Provides excellent insulation between the coil and the contacts (Surge withstand voltage of 8,000V).
* **Compact Footprint:** Designed for high-density PCB mounting where space is limited.
* **Polarized Design:** Note that this relay is **polarized**, meaning the "+" and "-" pins of the coil must be connected correctly for the relay to actuate.
---
## 3. Pinout and Internal Diagram
The "1A" designation indicates a single set of contacts that are open by default.
```text
Internal Logic:
(Coil +) [1] ●-------┐
| (Coil Inductor)
(Coil -) [2] ●-------┘
(COM) [3] ●-------/ -------● [4] (NO - Normally Open)
```
---
## 4. Common Applications
* **Office Equipment:** Printers, copiers, and power supplies.
* **Home Appliances:** Air conditioners, microwave ovens, and heaters.
* **Industrial:** PLC (Programmable Logic Controller) outputs and sensor switching.
* **Audio/Visual:** Power management for amplifiers and receivers.
---
- ⤷
What is the significance of the '-R' suffix in this specific Panasonic part number?
- ⤷ Can this relay be driven directly by a 5V microcontroller GPIO pin?
- ⤷ What are the advantages of AgSnO2 contact material over standard silver contacts?