DSP1-L2-DC3V-R
AI

## Overview of DSP1-L2-DC3V-R
The **DSP1-L2-DC3V-R** is a specific type of high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in control circuits where space is limited and low power consumption is required.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its specific electrical characteristics:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **DSP** | Series Name | High sensitivity, 1-pole/2-pole, 5A/8A power relay. |
| **1** | Contact Form | 1a1b (1 Form A and 1 Form B) configuration. |
| **L2** | Operating Function | **2-coil latching** type. |
| **DC3V** | Rated Coil Voltage | Operates at 3 Volts Direct Current. |
| **R** | Special Feature | Reversed terminal polarity (standard for certain PCB layouts). |
---
### 2. Key Technical Specifications
Below are the primary electrical and mechanical ratings for this component:
| Feature | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A, 1 Form B (1a1b) |
| **Nominal Switching Capacity** | 5A 250V AC / 5A 30V DC |
| **Max. Switching Power** | 1,250 VA / 150 W |
| **Coil Resistance** | 30 $\Omega$ (Approx.) |
| **Nominal Operating Power** | 300 mW |
| **Insulation Resistance** | Min. 1,000 M$\Omega$ (at 500V DC) |
| **Breakdown Voltage** | 3,000 Vrms (between contact and coil) |
---
### 3. Electronic Design Considerations
#### A. Latching Mechanism (L2)
Unlike a standard "monostable" relay that requires constant power to stay energized, the **L2 (2-coil latching)** version uses two separate coils:
1. **Set Coil:** A short pulse sets the relay to one state.
2. **Reset Coil:** A short pulse to the second coil returns it to the original state.
*Benefit:* It consumes zero power once the state is switched, making it ideal for battery-operated devices.
#### B. Polarized Design
This relay uses a permanent magnet in its construction to achieve high sensitivity. Designers must strictly observe the **polarity** of the coil pins (+/-) as indicated in the datasheet, or the relay will fail to actuate.
#### C. Reverse Terminal (R)
The "R" suffix indicates a **reversed pin layout**. This is critical during the PCB design phase to ensure the traces align with the actual physical footprint of the component.
---
### 4. Typical Applications
* **Industrial Equipment:** PLC (Programmable Logic Controller) outputs.
* **Office Automation:** Copiers and printers.
* **Consumer Electronics:** Smart home energy management systems.
* **Battery Powered Devices:** Due to the energy-saving nature of the 2-coil latching mechanism.
- ⤷
What is the difference between the L2 latching and L monostable versions of this relay?
- ⤷ Can this relay be driven directly by a 3.3V microcontroller GPIO?
- ⤷ What are the specific pinout differences for the 'R' reversed terminal version?