công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DSO-CSS-R1

  • AI
    The **DSO-CSS-R1** (often associated with the "Scope-Clock" or specific DIY digital storage oscilloscope kits) is a specialized electronic module designed to convert digital signals into analog waveforms for display, often on a CRT or a digital screen. Below is an analysis of its core electronic components and functional blocks. ### 1. Core Component Breakdown | Component Category | Typical Parts / Function | Role in DSO-CSS-R1 | |:---|:---|:---| | **Main Controller** | STM32 or ATmega Series | Handles signal processing, UI logic, and triggering. | | **ADC (Analog-to-Digital)** | Built-in or External (e.g., AD9283) | Converts incoming analog voltages into digital data points. | | **Input Buffer** | Op-Amps (e.g., TL082 / AD826) | Scales and shifts the input signal to fit the ADC's range. | | **Display Interface** | SPI/Parallel Bus | Communicates with the TFT LCD or specialized CRT driver. | | **Voltage Regulation** | LDOs (78L05 / AMS1117) | Provides stable 3.3V and 5V rails for logic and analog sections. | --- ### 2. Functional Circuit Blocks #### A. Analog Front-End (AFE) This is the most critical part of the hardware. It usually consists of: * **AC/DC Coupling Switch:** A mechanical switch or relay to filter out DC offsets. * **Attenuator Network:** Resistor dividers that allow the device to measure high voltages (e.g., 50V) without frying the low-voltage processor. * **Offset Adjustment:** A potentiometer or DAC-controlled circuit that moves the waveform up and down on the screen. #### B. Trigger Circuit The DSO-CSS-R1 uses a comparator circuit (or software-based comparison) to determine the exact moment to start "capturing" data. This ensures the waveform remains stable on the screen rather than drifting. #### C. Power Management Because oscilloscopes are sensitive to noise, the DSO-CSS-R1 typically features: * **Decoupling Capacitors:** Small ceramic capacitors placed near the ICs to filter high-frequency noise. * **Negative Voltage Generator:** Often uses a charge pump (like the ICL7660) to provide a negative rail (e.g., -5V) required for the Op-Amps to process signals below 0V. --- ### 3. Technical Specifications (Typical) ```json { "Bandwidth": "0 - 200KHz", "SamplingRate": "1Msps max", "VerticalSensitivity": "10mV/Div - 5V/Div", "InputImpedance": "1MΩ", "Resolution": "12-bit (standard for STM32 ADCs)" } ``` --- ### 4. Component Interaction Flow 1. **Signal Input:** Probe connects to the BNC/Header. 2. **Conditioning:** Op-Amps scale the signal. 3. **Digitization:** The ADC samples the voltage at a high frequency. 4. **Processing:** The MCU stores samples in a RAM buffer. 5. **Visualization:** The MCU draws the buffer data onto the display. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the DSO-CSS-R1 before damage occurs?
    • ⤷ Can the firmware be upgraded to increase the sampling rate?
    • ⤷ How do I calibrate the zero-line offset on this specific module?