DSA6331JI3JB-T
AI

The **DSA6331JI3JB-T** is a high-performance, ultra-small MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **Microchip Technology**. It is part of the DSA6300 series, specifically designed for automotive applications and space-constrained designs.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics of the component. Here is the breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Type** | MEMS Oscillator |
| **Output Frequency** | 25 MHz (Standard for this sub-series) |
| **Supply Voltage** | 1.71V to 3.63V |
| **Stability** | ±50 ppm |
| **Operating Temperature** | -40°C to +125°C (AEC-Q100 Grade 1) |
| **Package Size** | 1.6mm x 1.2mm (4-pin VFLGA) |
| **Output Type** | CMOS |
| **Drive Strength** | Standard |
---
### 2. Core Features & Advantages
* **MEMS Technology:** Unlike traditional quartz crystals, this uses a silicon resonator. This makes it significantly more resistant to mechanical shock and vibration.
* **Automotive Grade:** It is **AEC-Q100 qualified**, meaning it is rigorously tested for the harsh environments found in automotive engine compartments or cabins.
* **Low Power Consumption:** Optimized for battery-powered or energy-sensitive applications, consuming roughly 3mA during active operation.
* **No Negative Resistance Issues:** Since it is an active oscillator (providing a clock signal directly) rather than a passive crystal, it eliminates the need for load capacitors and complex board tuning.
---
### 3. Pin Configuration
The device uses a standard 4-pin layout for easy integration:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| **1** | OE / Standby | Output Enable (High) or Low Power Mode |
| **2** | GND | Ground |
| **3** | OUT | Clock Output Signal |
| **4** | VDD | Supply Voltage |
---
### 4. Typical Applications
* **ADAS (Advanced Driver Assistance Systems):** Providing stable clocking for cameras and radar.
* **Infotainment:** High-speed data processing for in-vehicle screens.
* **Industrial Controls:** High-temperature environments where quartz might fail.
* **Mobile Devices:** Due to the ultra-small 1612 footprint.
---
- ⤷
What are the differences between MEMS oscillators and traditional quartz crystals?
- ⤷ How does the 'Output Enable' pin affect power consumption in this device?
- ⤷ Are there alternative package sizes available for the DSA6300 series?