công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DSA6311JA3JB-T

  • AI
    The **DSA6311JA3JB-T** is a high-performance, ultra-small MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **Microchip Technology**. It belongs to the DSA6300 series, which is specifically designed for automotive and industrial applications where high stability and reliability are required. --- ### 1. General Specifications Below is a breakdown of the key electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Part Family** | DSA6300 (Automotive Grade) | | **Technology** | MEMS (Micro-Electro-Mechanical Systems) | | **Output Type** | LVCMOS | | **Supply Voltage (Vdd)** | 1.71V to 3.63V | | **Operating Temperature** | -40°C to +125°C (AEC-Q100 Grade 1) | | **Package Size** | 1.6mm x 1.2mm (4-pin VFLGA) | | **Frequency Stability** | ±50 ppm | --- ### 2. Functional Characteristics The "DSA" prefix signifies that this component is **Automotive Qualified**, distinguishing it from the standard DSC (industrial) series. * **MEMS Resonator:** Unlike traditional quartz crystal oscillators, it uses a silicon MEMS resonator. This makes the part significantly more resistant to mechanical shock and vibration. * **Low Power Consumption:** Designed for battery-operated devices, the DSA6311 has very low active and standby current. * **No Negative Resistance Issues:** Because it is an integrated oscillator (all-in-one) rather than a discrete crystal, you do not need to perform complex load capacitance matching. * **Startup Reliability:** It features a highly reliable startup circuit, ensuring stable frequency output even in harsh environmental conditions. --- ### 3. Part Number Breakdown (Coding) The suffix **JA3JB-T** defines the specific configuration: | Code Segment | Meaning | | :--- | :--- | | **DSA6311** | Base Model (LVCMOS, Spread Spectrum disabled) | | **J** | Package: 1.6mm x 1.2mm VFLGA | | **A** | Temperature Range: -40°C to +125°C (Automotive) | | **3** | Stability: ±50 ppm | | **JB** | Specific Frequency Code (pre-programmed factory value) | | **-T** | Packaging: Tape and Reel | --- ### 4. Comparison: MEMS vs. Quartz | Feature | MEMS (DSA6311) | Standard Quartz | | :--- | :--- | :--- | | **Vibration Resistance** | Excellent (Silicon-based) | Moderate (Fragile Crystal) | | **Aging** | Extremely Low | Increases over time | | **Footprint** | Ultra-compact (1.6x1.2mm) | Typically larger for high stability | | **Lead Time** | Usually shorter (Silicon fab) | Can be long (Crystal growth) | --- ### 5. Application Areas * **Automotive:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and sensor modules. * **Industrial:** High-vibration machinery and robotics. * **Consumer:** Ultra-small wearables and portable electronics requiring automotive-grade durability.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency assigned to the 'JB' code for this part?
    • ⤷ How does the power consumption of this MEMS oscillator compare to standard crystal oscillators?
    • ⤷ Is there a version of this part with spread spectrum to reduce EMI?