DS-E1-R
AI

Based on technical specifications, the **DS-E1-R** typically refers to a specific type of **Single-Mode Fiber Optic SFP (Small Form-factor Pluggable) Transceiver module**, often utilized in networking hardware like switches and routers.
Below is an explanation of its electronic components and functional architecture.
---
### 1. Key Technical Specifications
The DS-E1-R is designed for high-speed data transmission over long distances.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | LC Duplex |
| **Data Rate** | Up to 1.25 Gbps (Gigabit Ethernet) |
| **Wavelength** | 1310 nm |
| **Fiber Type** | Single-Mode Fiber (SMF) |
| **Max Distance** | 10 km to 20 km (Standard) |
| **Voltage Supply** | 3.3V |
---
### 2. Core Electronic Components
The internal PCB (Printed Circuit Board) of the DS-E1-R consists of several critical sub-systems:
#### A. The Optical Transmitter (TOSA)
* **Laser Diode:** Usually a Fabry-Perot (FP) or DFB laser that converts electrical signals into light pulses.
* **Laser Driver IC:** This chip manages the current supplied to the laser diode to ensure stable optical output and modulation.
#### B. The Optical Receiver (ROSA)
* **Photodiode:** A PIN or APD (Avalanche Photodiode) that detects incoming light and converts it back into a weak electrical current.
* **Trans-Impedance Amplifier (TIA):** Converts the weak current from the photodiode into a differential voltage signal for the host system.
#### C. Control and Monitoring (DDM/DOM)
Most "R" designated modules support **Digital Diagnostics Monitoring (DDM)**.
* **MCU (Microcontroller):** Manages the I2C interface and monitors real-time parameters such as temperature, supply voltage, laser bias current, and optical power.
* **EEPROM:** A non-volatile memory chip that stores the module’s identification, vendor information, and serial number.
---
### 3. Electrical Interface
The module connects to the host device (switch) via a **20-pin gold finger connector**.
```python
# Simplified Logic of SFP Pins
1. VeeT/VeeR # Ground connections
2. TX_Fault # Indicates laser failure
3. TX_Disable # Turns off the transmitter
4. SDA/SCL # I2C Serial interface for DDM data
5. Rate_Select# Logic to control bandwidth
```
---
### 4. Application Context
The DS-E1-R is commonly used in:
* **Enterprise Networking:** Connecting core switches to distribution layers.
* **FTTx:** Fiber to the x (Home, Curb, Building) infrastructure.
* **Data Centers:** High-speed interconnects between racks.
- ⤷
What is the difference between Single-Mode and Multi-Mode SFPs?
- ⤷ How do I troubleshoot a 'TX_Fault' error on a DS-E1-R module?
- ⤷ What is the importance of DDM (Digital Diagnostics Monitoring) in fiber optics?