công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DS-48-R

  • AI
    The **DS-48-R** typically refers to a high-performance **Directional Coupler** or **Power Divider** module, most commonly associated with RF (Radio Frequency) and microwave electronics from manufacturers like Macom or Anzac. Below is an explanation of its electronic components, specifications, and functional architecture. --- ### 1. Functional Overview The DS-48-R is a passive electronic component designed to split or combine signals within a specific frequency range (typically **2 MHz to 2000 MHz**). It is a 180-degree hybrid junction, meaning it can provide output signals that are in-phase or 180° out-of-phase. ### 2. Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2 MHz – 2000 MHz | | **Impedance** | 50 Ohms (Nominal) | | **Insertion Loss** | 1.0 dB to 2.5 dB (varies by frequency) | | **Isolation** | 20 dB to 30 dB | | **Phase Balance** | ± 5° to 10° | | **Amplitude Balance** | 0.3 dB to 0.5 dB | | **Package Type** | Surface Mount or Pin-based (FP-2) | --- ### 3. Internal Electronic Architecture The "electronic parts" inside a DS-48-R are not integrated circuits (ICs) but rather a complex arrangement of passive magnetic components: * **Ferrite Core Transformers:** The heart of the device consists of miniature bifilar or trifilar wound transformers on high-permeability ferrite toroids. These handle the signal splitting and phase shifting. * **Baluns:** Balanced-to-unbalanced transformers are used to ensure the 180° phase relationship between ports. * **Terminating Resistors:** Internal high-precision thin-film resistors are used to absorb reflected energy, which provides the "Isolation" between output ports. * **Substrate:** A low-loss ceramic or PTFE-based PCB substrate is used to interconnect the transformers with minimal parasitic capacitance. --- ### 4. Port Configuration The device usually features four ports, which function as follows: 1. **Sum Port (Σ):** When a signal enters here, it splits equally and in-phase to the outputs. 2. **Difference Port (Δ):** When a signal enters here, it splits equally but with a 180° phase difference. 3. **Output Ports (C & D):** The terminals where the divided/combined signals are measured. --- ### 5. Applications * **Antenna Beamforming:** Used to create phase-shifted signals for array antennas. * **Signal Summing:** Combining two signals while maintaining high isolation between the sources. * **Balanced Mixers:** Acting as the phase-shifting element in RF mixing circuits. * **Test & Measurement:** Splitting a reference signal for monitoring without loading the primary circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 90-degree and a 180-degree hybrid coupler like the DS-48-R?
    • ⤷ How does frequency impact the insertion loss of this component?
    • ⤷ Can the DS-48-R be used for high-power transmission applications?