công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DRS-Z-R/E2

  • AI
    The **DRS-Z-R/E2** is a specialized electronic component typically used in industrial automation, flow measurement, or sensor interface systems (often associated with Kobold or similar instrumentation brands). It serves as a **frequency-to-analogue converter** or a switching relay module. --- ## 1. Core Electronic Functions The electronics within the DRS-Z-R/E2 are designed to process pulse signals from flow meters and convert them into standardized industrial outputs. | Feature | Specification / Detail | | :--- | :--- | | **Input Signal** | NPN, PNP, or Namur pulse signals (from rotating sensors). | | **Output Type** | Relay output (R) and Frequency/Analogue conversion (E). | | **Power Supply** | Usually 24 VDC, 115 VAC, or 230 VAC (model dependent). | | **Switching Function** | Limit value monitoring (Min/Max alarms). | | **Signal Processing** | Microprocessor-controlled digital signal conditioning. | --- ## 2. Key Electronic Sub-assemblies The device consists of three primary electronic sections: ### A. The Input Stage (Signal Conditioning) * **Schmitt Trigger:** Squares off incoming pulses from sensors to eliminate electrical noise. * **Isolation:** Often features optoisolators to protect the internal logic from high-voltage spikes on the sensor line. ### B. The Processing Logic * **Frequency-to-Voltage Converter:** In the "E" variant, the internal circuitry calculates the frequency of incoming pulses and maps it to a 0-20 mA or 4-20 mA current loop. * **Potentiometers/DIP Switches:** Used for calibration, setting the full-scale flow rate, and defining the relay trigger points. ### C. The Output Stage * **Relay (R):** An electromagnetic switch (SPDT) capable of handling higher currents (typically up to 250V / 5A) for activating pumps or valves. * **Transistor Output (E2):** Provides an NPN/PNP open-collector output for high-speed switching or PLC integration. --- ## 3. Wiring Configuration Typical terminal assignments for the electronic base: ```text Terminal 1-2: Power Supply (L/N or +/-) Terminal 3-5: Sensor Input (Signal, +VDC, GND) Terminal 6-8: Relay Contacts (Common, NO, NC) Terminal 9-10: Analogue Output (4-20mA) - if equipped ``` --- ## 4. Technical Summary Table | Part Component | Purpose | | :--- | :--- | | **Z-Electronic Unit** | The "brain" that converts pulse frequency to a readable value. | | **LED Indicators** | Visual feedback for Power (Green) and State (Yellow/Red). | | **Housing** | IP65 protected electronics for harsh environments. | | **Adjustment Trimmers** | Fine-tuning the switching point and hysteresis. |
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R and E2 output versions?
    • ⤷ Can the DRS-Z-R/E2 handle high-frequency inputs above 1kHz?
    • ⤷ How do you calibrate the 4-20mA output range on this specific unit?