DRS-D-R/E2
AI

The **DRS-D-R/E2** is a high-precision digital flowmeter and monitoring system commonly used in industrial automation for liquid flow measurement. It operates on the **Vane Wheel (Turbine)** principle and converts mechanical rotation into electrical signals.
---
### 1. Core Electronic Components
The electronic architecture of the DRS-D-R/E2 is designed to translate the physical rotation of a turbine into a stabilized industrial output.
| Component | Description |
| :--- | :--- |
| **Hall Effect Sensor** | Detects the magnetic poles of the rotating vane wheel. It converts the mechanical RPM into a frequency signal. |
| **Signal Converter** | An integrated circuit that filters and amplifies the raw pulses from the sensor to prevent noise interference. |
| **Output Stage** | Typically features an NPN or PNP transistor output (Open Collector) or a 4-20 mA analog converter. |
| **LED Indicators** | Most models include a green LED for power supply status and a yellow LED that flashes proportional to the flow rate. |
---
### 2. Technical Specifications (Electrical)
The following table outlines the typical electronic operating parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage ($U_B$)** | 24 VDC ± 20% |
| **Current Consumption** | Max. 40 - 60 mA |
| **Pulse Output** | Push-Pull, NPN, or PNP (model dependent) |
| **Analog Output** | 4-20 mA (3-wire configuration) |
| **Electrical Connection** | M12x1 Plug (4-pin) or Cable connection |
| **Protection Class** | IP 65 (Dust tight and protected against water jets) |
---
### 3. Wiring Configuration
The device usually utilizes a standard industrial M12 connector. The electronic pinout is generally structured as follows:
```text
Pin 1: +24 VDC (Brown)
Pin 2: Analog Output 4-20 mA (White) - [If equipped]
Pin 3: GND / 0V (Blue)
Pin 4: Pulse Output / Switching Signal (Black)
```
---
### 4. Working Principle
1. **Detection:** As fluid flows, the vane wheel rotates. Magnets embedded in the vanes pass the **Hall Sensor**.
2. **Frequency Generation:** The sensor generates a pulse frequency ($f$) directly proportional to the flow velocity ($v$).
3. **Processing:** The internal electronics (the **E2** module) convert this frequency into either a scaled pulse output or a linearized 4-20 mA current loop.
4. **Calibration:** The electronics are pre-calibrated for a specific "K-factor," which defines how many pulses represent one liter of fluid.
- ⤷
How do I calibrate the K-factor on the DRS-D-R/E2?
- ⤷ What are the common failure modes for the Hall sensor in this unit?
- ⤷ Can the E2 output be configured for bi-directional flow measurement?