DRS-0-R/E2
AI

The **DRS-0-R/E2** is a specialized electronic component typically used in industrial automation, specifically within the realm of **positioning sensors** or **magnetic proximity switches**. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
The following table highlights the core electronic parameters of the DRS-0-R/E2 series:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Reed Switch / Contact Output |
| **Switching Voltage** | 5V - 240V AC/DC |
| **Switching Current** | 100mA Max |
| **Contact Capacity** | 10W Max |
| **Internal Voltage Drop** | ≤ 2.4V |
| **Indicator Light** | Red LED (Standard) |
| **Response Frequency** | 200 Hz |
| **Protection Class** | IP67 (Dust & Water Resistant) |
---
### 2. Key Electronic Components
The internal architecture of this device consists of several critical electronic parts:
* **Magnetic Reed Switch:** The heart of the sensor. It consists of two ferrous blades in a glass envelope that close when a magnetic field (from a cylinder piston) is present.
* **Protection Diode/Varistor:** Integrated circuitry to prevent damage from inductive back-EMF (voltage spikes) when switching inductive loads.
* **LED Indicator:** A low-power Light Emitting Diode used for visual confirmation of the switching state (on/off).
* **Current-Limiting Resistor:** Protects the internal LED from burning out when high voltages (up to 240V) are applied.
---
### 3. Wiring Configuration
The DRS-0-R/E2 usually follows a standard **2-wire** color-coding scheme:
1. **Brown Wire:** Connects to the positive terminal ($V+$) or the Live AC line.
2. **Blue Wire:** Connects to the Load, which then connects to the Common/Neutral ($0V$ or $N$).
> **Note:** Because it is a "Reed" type switch, it is polarity-insensitive for the switching function, but the LED will only illuminate if the polarity is correct in DC applications.
---
### 4. Typical Applications
* **Pneumatic Cylinders:** Detecting the end-of-stroke position of a piston.
* **Safety Interlocks:** Ensuring a guard or door is closed before a machine starts.
* **PLC Interfacing:** Providing a digital input signal to industrial controllers.
- ⤷
What are the main differences between a Reed switch and a Hall Effect sensor in industrial applications?
- ⤷ How do I calculate the maximum load resistance for a 24V DC circuit using this sensor?
- ⤷ What are the common failure modes for the DRS-0-R/E2 sensor?