công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DRQ73-101-R

  • AI
    ## Technical Overview: DRQ73-101-R Dual Winding Inductor The **DRQ73-101-R** is a high-performance, magnetically shielded, dual-winding inductor manufactured by Eaton (formerly Bussmann/Coiltronics). It is part of the **DRQ series**, known for its versatility in power electronics. --- ### 1. Key Technical Specifications The specifications for the 101-R variant (100 µH) are detailed below: | Parameter | Specification | | :--- | :--- | | **Inductance ($L$)** | 100 µH (nominal) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.443 Ω (Typical per winding) | | **Rated Current ($I_{rms}$)** | 0.88 Amps | | **Saturation Current ($I_{sat}$)** | 1.15 Amps | | **Configuration** | Dual Winding (4 terminals) | | **Shielding** | Magnetically Shielded | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Characteristics The DRQ73-101-R is more than a standard inductor; its dual-winding construction allows it to be used in several circuit topologies: * **Coupled Inductor:** Used in SEPIC (Single-Ended Primary-Inductor Converter) or Zeta converters to reduce ripple and component count. * **1:1 Transformer:** Can be used for isolation or level shifting in low-power applications. * **Series/Parallel Inductor:** * **Series connection:** Increases total inductance ($4 \times L$). * **Parallel connection:** Increases current handling capability while maintaining the base inductance ($L$). * **Common Mode Choke:** Used for EMI filtering to suppress high-frequency noise. --- ### 3. Physical Construction & Package The "73" in the part number refers to the mechanical dimensions of the component. * **Footprint:** Approximately 7.6mm x 7.6mm. * **Height:** 3.55mm (Max). * **Core Material:** Ferrite core, which provides high efficiency and low core losses at high frequencies. * **Shielding:** The magnetic shield minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **DRQ** | Dual Winding, Shielded Drum Core Series | | **73** | Size Code (7.6mm x 7.6mm x 3.5mm) | | **101** | Inductance Code: $10 \times 10^1 = 100$ µH | | **R** | RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate total inductance when connecting the DRQ73-101-R windings in series versus parallel?
    • ⤷ What are the specific advantages of using a shielded inductor like the DRQ73 in high-density PCB layouts?
    • ⤷ Can this component be used as a flyback transformer for low-power DC-DC converters?