DRA74-2R2-R
AI

The **DRA74-2R2-R** is a high-performance, shielded power inductor designed primarily for automotive and industrial electronics. It is manufactured by Eaton (formerly Bussmann/Coiltronics).
### Technical Specifications
Below is a summary of the core electrical and physical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 7.97 A (Typical) |
| **Saturation Current (Isat)** | 10.7 A (Typical) |
| **DC Resistance (DCR)** | 9.1 mΩ (Typical) |
| **Operating Temperature** | -40°C to +165°C |
| **Package / Case** | 7.6mm x 7.6mm x 4.35mm |
| **Shielding** | Shielded (Magnetic) |
---
### Key Features and Construction
1. **Magnetic Shielding:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is critical in dense PCB layouts where noise can affect nearby sensitive components.
2. **AEC-Q200 Qualified:** This part is automotive grade. It has undergone rigorous stress testing to ensure reliability in harsh environments, including high vibration and extreme temperature fluctuations.
3. **High Temperature Resilience:** Unlike standard consumer-grade inductors, the DRA series is rated for a maximum operating temperature of **+165°C**, making it suitable for under-the-hood automotive applications.
4. **Low DCR:** The low direct current resistance (9.1 mΩ) ensures high efficiency by minimizing power loss through heat (Joule heating).
### Common Applications
The DRA74-2R2-R is typically found in the following circuits:
* **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators.
* **Automotive Infotainment:** Powering displays and head units.
* **Advanced Driver Assistance Systems (ADAS):** Providing stable power to sensors and cameras.
* **LED Lighting:** Used in constant current drivers for automotive headlights.
### Part Number Breakdown
```text
DRA 74 - 2R2 - R
| | | |
| | | +-- RoHS Compliant
| | +--------- Inductance Value (2.2µH)
| +---------------- Size Code (Approx. 7x7x4mm)
+--------------------- Series Name (Automotive Grade)
```
- ⤷What are the recommended landing patterns for the DRA74 series on a PCB?
- ⤷ How does the saturation current change as the temperature increases to 165°C?
- ⤷ Are there any equivalent alternatives to the DRA74-2R2-R from other manufacturers?