DR73-102-R
AI

### Overview of the DR73-102-R Inductor
The **DR73-102-R** is a high-power density, shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the DR series, which is specifically designed for surface-mount applications requiring high efficiency and low electromagnetic interference (EMI).
---
### Technical Specifications
The following table summarizes the key electrical and physical characteristics of the DR73-102-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1000 µH (1.0 mH) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.231 Amperes (231 mA) |
| **Saturation Current (Isat)** | 0.306 Amperes (306 mA) |
| **DC Resistance (DCR)** | 4.41 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Ferrite Core (Shielded) |
| **Package / Case** | 7.60mm x 7.60mm x 3.55mm |
---
### Key Features
1. **Magnetic Shielding:** The ferrite drum core is enclosed in a sleeve, which significantly reduces EMI. This makes it ideal for use near sensitive components.
2. **High Inductance:** At 1000 µH, this part is used for filtering or energy storage in circuits where a significant amount of inductance is needed in a small footprint.
3. **Reflow Compatibility:** The materials are designed to withstand the high temperatures of lead-free SMT (Surface Mount Technology) reflow soldering.
4. **Halogen Free:** The "R" suffix typically denotes RoHS compliance and halogen-free construction.
---
### Common Applications
The DR73-102-R is commonly integrated into the following systems:
* **DC-DC Converters:** Used as a storage inductor in buck, boost, or SEPIC converters.
* **Noise Filtering:** Acts as a low-pass filter for power supply lines to remove high-frequency noise.
* **Battery Powered Equipment:** Its compact size and efficiency are suited for handheld electronics.
* **Computer Peripherals:** Used in local power regulation on motherboards or expansion cards.
---
### Component Identification (Part Number Breakdown)
```text
DR 73 - 102 - R
| | | |
| | | └── RoHS Compliant
| | └── Inductance Code (10 x 10^2 = 1000 µH)
| └── Size Code (approx. 7.6mm x 3.5mm)
└── Series Name (Drum Core, Shielded)
```
- ⤷How does the saturation current (Isat) affect the performance of this inductor?
- ⤷ What are the primary differences between the DR73 and DR127 series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?