công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DR124-560-R

  • AI
    The **DR124-560-R** is a specific model of a surface-mount (SMD) power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the DR series, which is known for high power density and magnetic shielding. --- ## 1. Technical Specifications The part number `DR124-560-R` can be decoded to understand its primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 56 µH (Microhenries) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.165 Ω (Typical) | | **Rated Current (Irms)** | 1.79 A (Amperes) | | **Saturation Current (Isat)** | 2.02 A (Amperes) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ## 2. Component Composition The DR124 series is designed with specific materials to handle high-frequency switching environments: * **Core Material:** Ferrite core. Ferrite provides high permeability and low eddy current losses, making it ideal for power applications. * **Shielding:** The "Drum Core" design is enclosed in a ferrite sleeve. This minimizes **Electromagnetic Interference (EMI)**, preventing the inductor's magnetic field from affecting nearby components. * **Termination:** Matte tin over copper, ensuring excellent solderability for SMT (Surface Mount Technology) processes. --- ## 3. Physical Dimensions The "124" in the part number refers to the physical footprint size (approximately 12.5mm x 12.5mm x 4.5mm). | Dimension | Measurement (mm) | | :--- | :--- | | **Length** | 12.5 mm | | **Width** | 12.5 mm | | **Height** | 4.5 mm (Max) | --- ## 4. Common Applications Due to its high current rating and shielding, the DR124-560-R is typically found in: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. 2. **Computer Peripherals:** Power supplies for hard drives, graphics cards, and motherboards. 3. **Industrial Electronics:** Noise filtering and energy storage in PLC (Programmable Logic Controller) power modules. 4. **Consumer Electronics:** LED drivers and battery-powered portable devices. --- ## 5. Part Number Breakdown ```text DR 124 - 560 - R | | | | | | | └─ RoHS Compliant | | └────── Inductance Value (560 = 56 x 10^0 = 56µH) | └──────────── Size Code (12.5mm x 12.5mm x 4.5mm) └─────────────── Series Name (Drum Core, Shielded) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Are there smaller footprint alternatives to the DR124 series with the same inductance?
    • ⤷ How does the ferrite shielding impact the EMI performance of a PCB?