AI

The **DR10D561K** is a specific model of a **Metal Oxide Varistor (MOV)**, a passive electronic component used primarily for surge protection and voltage clamping in power supplies and industrial equipment.
### 1. Component Overview
A varistor is a voltage-dependent resistor. Under normal operating voltages, it has a high electrical resistance. When a high-voltage spike (like lightning or switching surges) occurs, its resistance drops sharply, shunting the excess energy away from sensitive downstream components.
### 2. Part Number Breakdown (DR10D561K)
The alphanumeric code follows a standard industry format for varistors:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **DR** | Series/Brand | Manufacturer-specific series (likely "Dongnan" or similar). |
| **10** | Disc Diameter | Represents a **10mm** diameter disc. Larger discs handle more energy (Joules). |
| **D** | Shape | Indicates a **Disc** (circular) shape. |
| **561** | Varistor Voltage | The nominal voltage at 1mA. Calculated as **56 x 10^1 = 560V**. |
| **K** | Tolerance | Indicates a **±10%** tolerance on the 560V rating. |
---
### 3. Key Technical Specifications
Based on the standard parameters for a 10D561K MOV:
* **Varistor Voltage ($V_{1mA}$):** 560V (Range: 504V to 616V).
* **Maximum AC Voltage ($V_{RMS}$):** Approximately **350V AC**.
* **Maximum DC Voltage ($V_{DC}$):** Approximately **460V DC**.
* **Clamping Voltage ($V_c$):** The maximum voltage seen by the load during a surge, typically around **920V** at a specific peak current.
* **Surge Current (8/20µs pulse):** Typically rated for **2,500A** (2.5kA).
* **Energy Absorption:** Usually around **60 to 80 Joules**.
---
### 4. Typical Applications
The DR10D561K is commonly found in circuits operating on **220V/230V AC mains** because its 560V breakdown threshold is high enough to avoid nuisance tripping from standard AC fluctuations but low enough to protect against spikes.
* **Switching Power Supplies (SMPS):** Protecting the input bridge rectifier.
* **Home Appliances:** Refrigerators, washing machines, and televisions.
* **LED Drivers:** Protecting the driver circuitry from grid instability.
* **Industrial Controllers:** Protecting PLC inputs and relay coils.
---
### 5. Circuit Symbol and Installation
In a schematic, a varistor is represented by a resistor symbol with a diagonal line and a "V" or the letter "Z" (representing Zinc Oxide).
```text
L (Line) o-------[ FUSE ]-------+------- To Load
|
[ MOV ]
|
N (Neutral) o-------------------+------- To Load
```
*Note: It is standard practice to place a fuse before the MOV. If the MOV fails "short" due to a massive surge, the fuse will blow, preventing a fire hazard.*
- ⤷What is the difference between a 10D561K and a 14D561K?
- ⤷ How do I test if a DR10D561K is still functional with a multimeter?
- ⤷ Why did my varistor explode even though there was a fuse?