công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DP40-R

  • AI
    The **DP40-R** typically refers to a high-performance **Differential Pressure (DP) Transmitter** or a specific **Digital Panel Meter** (often associated with brands like Autonics or specialized industrial sensor manufacturers). Based on industrial standards, here is an explanation of the electronic components and technical specifications for this type of device. --- ### 1. Core Electronic Components A DP40-R unit consists of several integrated layers of electronics to convert physical pressure into a readable signal: | Component | Function | | :--- | :--- | | **Piezoresistive Sensor** | The "heart" of the unit; a silicon chip that changes electrical resistance when mechanical pressure is applied. | | **ASIC (Application Specific IC)** | Handles signal conditioning, temperature compensation, and linearization of the raw sensor data. | | **A/D Converter** | Converts the analog voltage from the sensor into a high-resolution digital signal. | | **Microcontroller (MCU)** | Processes the digital data, manages the display, and handles communication protocols (like Modbus or 4-20mA). | | **Output Stage** | Typically includes an optoisolator for safety and a DAC to generate the 4-20mA current loop. | --- ### 2. Technical Specifications The electronic performance of the DP40-R is defined by its input/output capabilities: * **Power Supply:** Generally operates on **12-24V DC** (Loop powered). * **Output Signal:** * Standard **4-20mA** (2-wire). * Relay outputs (The "R" in DP40-R often signifies a **Relay** contact output for alarms). * **Display:** 4-digit LED or LCD display for real-time pressure monitoring. * **Accuracy:** Typically ranges from **±0.2% to ±0.5%** of the full scale. --- ### 3. Wiring and Terminal Layout The electronic interface usually follows a standard industrial pinout: ```mermaid graph LR A[Power +] --- B(Terminal 1) C[Power - / Signal] --- D(Terminal 2) E[Relay Contact 1] --- F(Terminal 3) G[Relay Contact 2] --- H(Terminal 4) ``` ### 4. Key Electronic Features 1. **Zero/Span Adjustment:** Electronic potentiometers or digital menus allow the user to calibrate the base floor (zero) and the ceiling (span) of the measurement. 2. **Damping Function:** An electronic filter that stabilizes the output if the pressure is fluctuating rapidly (pulsation). 3. **EEPROM Memory:** Non-volatile memory that stores calibration data and user settings even if power is lost. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero point on a DP40-R?
    • ⤷ What is the maximum pressure range supported by the DP40 series?
    • ⤷ Does the DP40-R support Modbus RS485 communication?