DMH-C-R
AI

The **DMH-C-R** series refers to a specific category of **Micro-Coaxial Connectors** manufactured by **I-PEX**. These are high-performance electronic components designed for space-constrained environments requiring high-speed data transmission.
---
### 1. Key Technical Specifications
These connectors are engineered for high-frequency signals, commonly used in displays and camera modules.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Pitch** | 0.5 mm or 0.4 mm (depending on specific sub-model) |
| **Connection Type** | Micro-Coaxial Cable to Board |
| **Data Rate** | Supports up to 20 Gbps+ (compatible with Thunderbolt 3/USB4) |
| **Mating Height** | Ultra-low profile (approx. 1.0mm - 1.5mm) |
| **Shielding** | 360° EMI/EMC Shielding design |
---
### 2. Major Electronic Components & Design
The DMH-C-R assembly consists of three primary electronic segments:
#### A. The Receptacle (Board Side)
* **Contacts:** Usually made of copper alloy with gold plating to prevent oxidation and ensure low contact resistance.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding SMT reflow soldering temperatures.
* **Metal Shell:** A stainless steel or copper alloy shell that provides mechanical grounding and EMI protection.
#### B. The Plug (Cable Side)
* **Termination:** Uses **IDC (Insulation Displacement Contact)** or soldering to connect to micro-coaxial wires (AWG 36 to AWG 44).
* **Locking Mechanism:** Features a physical "Click" lock or friction lock to ensure the connection stays secure under vibration.
#### C. Signal Integrity Features
* **Impedance Matching:** The internal geometry is designed to maintain a 100-ohm (differential) or 50-ohm (single-ended) impedance.
* **Grounding Bars:** Multi-point grounding to minimize "ground bounce" during high-speed switching.
---
### 3. Common Applications
Due to their compact size and high bandwidth, these parts are found in:
* **Laptops/Tablets:** Connecting the motherboard to the LCD/OLED panel (eDP - Embedded DisplayPort).
* **Smartphones:** Camera module interfaces (MIPI CSI).
* **Medical Equipment:** High-resolution imaging probes and handheld scanners.
* **AR/VR Headsets:** High-speed data links for internal sensors and displays.
---
### 4. Part Number Breakdown Example
While specific to the manufacturer, the "DMH-C-R" designation usually follows this logic:
```text
DMH - C - R
| | |
Series | Receptacle (Board side)
Cable Type (Coaxial)
```
- ⤷
What are the soldering requirements for the DMH-C-R receptacle?
- ⤷ How does the EMI shielding in these connectors compare to standard FPC connectors?
- ⤷ What is the maximum pin count available for this specific series?