AI

The **DMF-XX-R-N-HT** is a specific series designation for high-performance board-to-board or cable-to-board connectors, typically associated with the **Dual-Row Micro-Fit** (or similar micro-pitch) connector family.
These components are designed for applications requiring high reliability, high-temperature resistance, and dense signal/power distribution.
---
### Part Number Breakdown (Typical)
While specific manufacturers (like Samtec or Cvilux) may have slight variations, the nomenclature generally follows this logic:
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **DMF** | Series Prefix | Dual-row, Micro-pitch, Female/Male connector series. |
| **XX** | Pin Count | Represents the total number of positions (e.g., 04, 10, 20). |
| **R** | Orientation | Usually indicates **Right-Angle** mounting to the PCB. |
| **N** | Polarization/Locking | Often indicates a "Non-polarized" or specific "Notch" locking mechanism. |
| **HT** | Temperature Rating | Stands for **High Temperature** (capable of withstanding reflow soldering). |
---
### Technical Specifications
These parts are engineered for industrial and automotive-grade environments.
#### 1. Material & Durability
* **Housing:** Liquid Crystal Polymer (LCP) or high-temp Nylon, rated for UL 94V-0.
* **Contacts:** Phosphor Bronze or Copper Alloy with Gold or Tin plating options.
* **Temperature Range:** Typically **-55°C to +125°C**, making them suitable for "under-the-hood" or industrial furnace control applications.
#### 2. Electrical Characteristics
* **Current Rating:** Generally 2A to 5A per pin (depending on pitch and wire gauge).
* **Voltage Rating:** Typically 250V AC/DC.
* **Contact Resistance:** Low milliohm range (e.g., < 20mΩ).
#### 3. Mechanical Features
* **Pitch:** Usually 1.27mm, 2.00mm, or 3.00mm (Micro-pitch).
* **Mounting Type:** Through-hole or SMT (Surface Mount Technology), specifically designed for lead-free solder profiles.
---
### Common Applications
* **Industrial Automation:** PLCs, sensor arrays, and robotics.
* **Automotive Electronics:** Infotainment systems and lighting controls.
* **Telecommunications:** Compact server blades and networking hubs.
* **Medical Devices:** Handheld diagnostic tools requiring robust vibrations resistance.
---
### Implementation Example (PCB Footprint)
```c
// Example of a Right-Angle (R) Header Pinout configuration
[ Row A ] 1 3 5 7 ... (XX-1)
| | | |
[ Row B ] 2 4 6 8 ... (XX)
```
- ⤷
What is the exact pitch measurement for the DMF series you are looking at?
- ⤷ Do you need the specific land pattern/footprint dimensions for PCB layout?
- ⤷ Are you looking for a compatible mating connector for this specific part?