DM19FA102DO3-ST-R02
AI

Based on the part number **DM19FA102DO3-ST-R02**, this component is a high-precision **Mica Capacitor** typically manufactured by companies like Cornell Dubilier (CDE). These capacitors are known for their extreme stability, high reliability, and low loss at high frequencies.
---
### 1. Component Specifications
The part number can be broken down into specific technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | DM19 | Standard dipped silver mica capacitor size. |
| **Capacitance** | 1000 pF (102) | 10 followed by 2 zeros in picofarads. |
| **Tolerance** | ±0.5% (D) | Extremely tight precision tolerance. |
| **Voltage** | 100V (F) | Rated DC working voltage (FA code variation). |
| **Temperature Range** | -55°C to +125°C | Characteristic O (Stability range). |
| **Termination** | ST | Straight leads (Standard). |
| **Packaging** | R02 | RoHS compliant / Tape & Reel or specific batch code. |
---
### 2. Key Features
* **High Stability:** Silver mica is one of the most stable dielectric materials available. The capacitance value changes very little over time or with temperature fluctuations.
* **Low Dissipation Factor:** Excellent for high-frequency applications where energy loss must be minimized.
* **Voltage Withstand:** High dielectric strength relative to its physical size.
* **Tight Tolerance:** The "D" rating (±0.5%) makes it suitable for tuning and timing circuits where precision is critical.
---
### 3. Common Applications
Due to its precision and stability, this part is commonly used in:
* **RF Oscillators:** Maintaining frequency stability in radio transmitters.
* **Filter Circuits:** High-Q filters for telecommunications.
* **Pulse Circuits:** Handling high-speed transitions without degradation.
* **Aerospace & Defense:** Where long-term reliability in harsh environments is required.
---
### 4. Comparison with Other Dielectrics
| Feature | Silver Mica (DM19) | Ceramic (MLCC) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Stability** | Excellent | Moderate to Poor | Good |
| **Precision** | Very High (up to 0.5%) | Low to Moderate | Moderate |
| **Frequency Response** | High Frequency | Variable | Low to Mid Frequency |
| **Cost** | High | Low | Moderate |
- ⤷
What are the physical dimensions of the DM19 case size?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ What are the common alternatives if this specific part is out of stock?