công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM19EY151JO3-SA-R02

  • AI
    The part number **DM19EY151JO3-SA-R02** refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by **Cornell Dubilier Electronics (CDE)** or their specialized military/industrial divisions. Mica capacitors are renowned for their extreme stability, low loss, and reliability in RF (Radio Frequency) applications. --- ## 1. Technical Specifications Breakdown | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Silver Mica Capacitor | | **Capacitance** | 150 pF (Picofarads) | | **Tolerance** | ±5% (indicated by 'J') | | **Voltage Rating** | Typically 500V DC (standard for DM19 size) | | **Case Style** | DM19 (Dipped Mica, large frame) | | **Temperature Range** | -55°C to +125°C | | **Temperature Coeff.** | 0 to +70 ppm/°C (Characteristic E) | --- ## 2. Part Number Deciphering Based on the CDE standard naming convention, here is what the specific segments represent: * **DM19**: Refers to the physical size and case style. The "19" series is larger than the "15" series, allowing for higher voltage and capacitance ratings. * **EY**: Represents the temperature characteristic and working voltage. "E" usually denotes a temperature coefficient of 0 to 70 ppm/°C. * **151**: The capacitance code. The first two digits (15) are the significant figures, and the third (1) is the multiplier ($10^1$). $15 \times 10 = 150$ pF. * **J**: The tolerance code. **J = ±5%**. * **O3**: Typically relates to internal manufacturing codes or specific lead finishing. * **SA-R02**: These are usually **Suffixes** indicating special processing, such as: * **SA**: Special Appearance or Specific Assembly. * **R02**: RoHS compliance status or a specific revision/packaging requirement (e.g., tape and reel or specific lead crimp). --- ## 3. Key Features and Materials ### Construction * **Dielectric**: Uses natural Muscovite mica sheets. * **Electrodes**: Silver is screened directly onto the mica sheets, providing a low-resistance path. * **Coating**: Dipped in an epoxy resin to protect against moisture and environmental degradation. ### Performance Advantages 1. **Low Dissipation Factor**: Very low energy loss, making it ideal for high-frequency filters. 2. **High Stability**: Capacitance changes very little over time or with fluctuations in temperature and voltage. 3. **No Voltage Coefficient**: Unlike ceramic capacitors (MLCCs), the capacitance does not drop when a DC bias is applied. --- ## 4. Common Applications Due to its 150pF value and high stability, this part is commonly used in: * **RF Oscillators**: Maintaining a precise frequency. * **Tuning Circuits**: Used in transmitters and receivers. * **Pulse Circuits**: Handling high $dV/dt$ (rapid voltage changes) without degradation. * **Audio Equipment**: Used in high-end amplifiers where signal purity and low distortion are required.
    ✨ Follow-up Questions
    • ⤷What is the lead spacing for a standard DM19 case style?
    • ⤷ How does a mica capacitor compare to a C0G ceramic capacitor in RF applications?
    • ⤷ Are there RoHS-compliant alternatives for this specific part number?