công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM19DC102DO3-SA-R02

  • AI
    To provide an accurate explanation, it is important to identify that the part number **DM19DC102DO3-SA-R02** corresponds to a specific series of **High-Frequency Connectors**, typically manufactured by companies like D-Amp (or similar RF component specialists). These are often used in automotive and telecommunication electronics. --- ## 1. Component Overview This part is an **RF (Radio Frequency) Fakra-style connector**. Fakra connectors are standardized automotive high-frequency connectors used for cellular, GPS, and satellite radio applications. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Fakra SMB (SubMiniature version B) | | **Interface Style** | Female / Jack (usually) | | **Contact Plating** | Gold or Tin over Nickel | | **Frequency Range** | DC up to 4 GHz – 6 GHz | | **Impedance** | 50 Ω (Ohms) | | **Mounting Style** | Surface Mount (SMT) or Through-Hole (PCB) | --- ## 2. Technical Breakdown The alphanumeric code describes the physical and electrical characteristics of the part: ### A. Frequency and Impedance * **50 Ohm Impedance:** Crucial for RF signals to prevent signal reflection and ensure maximum power transfer. * **DC to 6.0 GHz:** This range covers signals for Bluetooth, Wi-Fi 2.4/5GHz, and most LTE/5G cellular bands used in vehicle telematics. ### B. The "Fakra" Housing (Mechanical Keying) The "DO3" or "SA" designations often refer to the **Mechanical Keying (Color Coding)**. In automotive standards: * Standardized colors (Blue, Green, Bordeaux, etc.) prevent incorrect connections during assembly. * The "SA" often refers to **Side Entry** or a specific **Straight/Angle** orientation for PCB mounting. ### C. Material Composition * **Center Contact:** Brass or Phosphor Bronze with Gold plating for high conductivity and oxidation resistance. * **Insulator:** PTFE (Teflon) to maintain consistent dielectric properties. * **Outer Body:** Zinc alloy or plastic housing designed to withstand automotive vibrations and temperature fluctuations (-40°C to +105°C). --- ## 3. Typical Applications These parts are found in modern vehicle electronic control units (ECUs) and infotainment systems: 1. **GPS/Navigation:** Connecting the external shark-fin antenna to the dashboard unit. 2. **ADAS Cameras:** High-speed data transmission for 360-degree camera systems. 3. **V2X Communication:** Vehicle-to-everything communication modules. 4. **Satellite Radio:** SiriusXM antenna inputs. --- ## 4. PCB Footprint & Assembly As an **R02 (Reel Packaging)** part, it is designed for automated assembly: * **Pick and Place:** Compatible with SMT (Surface Mount Technology) nozzle systems. * **Soldering:** Lead-free reflow soldering compatible.
    ✨ Follow-up Questions
    • ⤷ What is the specific color code (Keying) for the SA-R02 suffix in Fakra standards?
    • ⤷ How does the insertion loss of this connector compare to standard SMA connectors?
    • ⤷ What are the recommended soldering temperature profiles for this specific component?