công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM19DA151JO3-SA-R02

  • AI
    The **DM19DA151JO3-SA-R02** is a specialized high-reliability electronic component, specifically a **Silver Mica Capacitor**. These parts are renowned for their exceptional stability, high precision, and low loss at high frequencies. --- ## Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Silver Mica Capacitor | Precision dielectric material | | **Capacitance** | 150 pF | Indicated by "151" (15 x 10^1) | | **Tolerance** | ±5% | Indicated by the "J" character | | **Voltage Rating** | 500V DC | Standard for DM19 series | | **Operating Temp** | -55°C to +125°C | High thermal stability range | | **Case Size/Style** | DM19 | Larger dipped mica package | --- ## Breakdown of Part Numbering The alphanumeric code follows a specific industry standard for mica capacitors: 1. **DM19**: Refers to the physical body size and style (Dipped Mica, Size 19). 2. **DA**: Represents the characteristic (temperature coefficient and drift limits). 3. **151**: The capacitance code. The first two digits (15) are the value, and the third (1) is the multiplier ($15 \times 10^1 = 150$ picofarads). 4. **J**: The tolerance code ($J = \pm5\%$). 5. **O3**: Typically refers to the working voltage (500V) or specific lead spacing. 6. **SA-R02**: Manufacturer-specific suffix denoting RoHS compliance, lead finish, or custom packaging requirements. --- ## Key Features and Applications ### Why Silver Mica? * **High Precision:** They offer very tight tolerances compared to standard ceramic capacitors. * **Low Dissipation Factor:** They have extremely low energy loss, making them ideal for RF (Radio Frequency) applications. * **Temperature Stability:** The capacitance changes very little across its entire temperature range. * **Voltage Withstanding:** Excellent resistance to voltage spikes and high-voltage environments. ### Common Uses * **RF Oscillators:** Maintaining a stable frequency in radio transmitters. * **Filter Networks:** Used in tuned circuits where precise values are critical. * **Coupling/Decoupling:** In high-voltage power supplies or audio equipment. * **Aerospace & Defense:** Due to their long-term reliability and environmental ruggedness.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between Silver Mica and Ceramic capacitors in RF circuits?
    • ⤷ Can this capacitor be used in AC power applications?
    • ⤷ What is the physical lead spacing for a DM19 case size?