DM19CY151JO3-SA-R02
AI

Based on the part number **DM19CY151JO3-SA-R02**, this component is a **Silver Mica Capacitor**. These capacitors are known for high stability, low loss (high Q factor), and excellent performance in RF (Radio Frequency) and precision timing circuits.
---
## 1. Component Specification Breakdown
The alphanumeric code provides specific details regarding the capacitor's construction and electrical characteristics:
| Code Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **DM19** | Case Size | Standard "DM19" dimensions (approx. 11.4 x 11.4 mm) |
| **CY** | Temperature Range | Characteristic Y (-55°C to +125°C) |
| **151** | Capacitance Code | 150 pF (15 followed by one zero) |
| **J** | Tolerance | ±5% |
| **O3** | Voltage Rating | 300 VDC or 500 VDC (Manufacturer dependent) |
| **SA** | Lead Configuration | Straight Leads (Standard) |
| **R02** | Packaging/Internal | RoHS compliant / Specific reel or bulk code |
---
## 2. Key Technical Attributes
### Physical Construction
Silver Mica capacitors are built by sandwiching layers of mica (a natural mineral) between silver electrodes. The assembly is then encapsulated in a rugged epoxy coating to protect against environmental moisture.
### Electrical Performance
* **High Q Factor:** Extremely low dissipation factor, making it ideal for oscillators and filters.
* **Stability:** The capacitance value remains very stable over time and across a wide range of temperatures.
* **Voltage Handling:** High dielectric strength allows for relatively high voltage ratings in a small footprint.
---
## 3. Common Applications
Due to its high precision and stability, the **DM19CY151JO3-SA-R02** is typically used in the following areas:
1. **RF Circuits:** Used in tuning circuits, coupling, and decoupling in radio equipment.
2. **Transmitters:** High-stability requirements in ham radio or professional broadcasting gear.
3. **Pulse Power:** Circuits requiring rapid discharge without significant internal heating.
4. **Test Equipment:** Precision measurement tools where drift must be minimized.
---
- ⤷
What are the main advantages of Mica capacitors over Ceramic capacitors?
- ⤷ Can you explain the significance of the 'Q factor' in this specific capacitor?
- ⤷ What are the physical dimensions and lead spacing for a DM19 package?