DM19CY102JO3-SA-R02
AI

The part number **DM19CY102JO3-SA-R02** refers to a high-reliability, precision silver mica capacitor. These components are primarily used in high-frequency applications where stability and low loss are critical.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC (typical for DM19 series) |
| **Dielectric Material** | Silver Mica |
| **Case Style** | DM19 (Standard dipped package) |
| **Operating Temperature** | -55°C to +125°C or +150°C |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly by manufacturer (commonly Cornell Dubilier - CDE), the standard breakdown is as follows:
* **DM19**: Denotes the physical size and case style. DM19 is a larger format compared to DM15, allowing for higher capacitance and voltage ratings.
* **CY**: Often refers to characteristic codes involving temperature coefficients and drift requirements.
* **102**: The capacitance value code. $10 \times 10^2 = 1000$ pF.
* **J**: Tolerance code. J represents ±5%.
* **O3**: Typically refers to the working voltage (e.g., 3 = 300V or 500V depending on the specific series chart).
* **SA**: Packaging or specific lead style (e.g., Straight leads).
* **R02**: RoHS compliance indicator or a specific revision/internal manufacturer code.
---
### 3. Key Characteristics
* **High Stability:** Mica capacitors are known for having extremely low capacitance drift over time.
* **Low Loss (High Q):** They possess a very high Quality Factor (Q), making them ideal for tuned circuits and RF filters.
* **Precision:** They are used when ceramic capacitors (like Y5V or Z5U) are too unstable and C0G/NP0 ceramics do not meet specific voltage/size requirements.
* **Tight Tolerance:** Silver mica construction allows for very precise values that remain stable under varying thermal conditions.
---
### 4. Common Applications
1. **RF Oscillators:** Maintaining a stable frequency in radio transmitters.
2. **Filter Networks:** Used in high-precision low-pass, high-pass, and band-pass filters.
3. **Snubber Circuits:** Their high voltage handling allows them to be used in power electronics for spike suppression.
4. **Audio Equipment:** Sometimes found in high-end tube amplifiers for signal coupling where "musicality" and stability are desired.
- ⤷
What are the physical dimensions of a DM19 case size?
- ⤷ How does silver mica compare to C0G/NP0 ceramic capacitors?
- ⤷ Is there a direct equivalent for this part in a surface mount (SMD) format?