DM19CE102JO3-ST-R02
AI

The part number **DM19CE102JO3-ST-R02** refers to a high-precision **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These components are known for their exceptional stability and high frequency performance.
---
## 1. Technical Specifications
Below is a breakdown of the electronic parameters for this specific component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 1,000 pF (1 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 100V DC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Package Type** | Radial Leaded (Dipped) |
| **Case Size** | DM19 (Standard large case) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **DM19**: Denotes the physical case size and style (Standard Dipped Mica).
* **CE**: Temperature coefficient/characteristic (typically low drift).
* **102**: The capacitance code. `10` followed by `2` zeros = 1000 pF.
* **J**: Tolerance code (J = ±5%).
* **O3**: Voltage rating code (100V).
* **ST**: Lead style/spacing (Straight leads).
* **R02**: Internal manufacturing/packaging suffix (often refers to RoHS compliance or specific taping).
---
## 3. Key Electronic Properties
### A. Stability and Precision
Silver mica capacitors are famous for their **very low temperature coefficient**. Unlike ceramic capacitors (like Y5V or X7R), the capacitance of a mica capacitor remains extremely stable regardless of temperature fluctuations or applied voltage.
### B. High Q Factor
These parts have a very high "Quality Factor" (Q). This means they have minimal internal resistance (ESR) and energy loss, making them ideal for high-frequency RF (Radio Frequency) circuits.
### C. Voltage Endurance
Mica is a robust natural mineral. It does not suffer from "piezoelectric noise" (ringing) and can handle significant voltage spikes compared to multi-layer ceramic capacitors of the same size.
---
## 4. Typical Applications
Due to their cost and stability, they are used where precision is non-negotiable:
1. **RF Oscillators:** Maintaining a stable frequency in radio transmitters.
2. **Filter Networks:** Precision tuning in high-fidelity audio or signal processing.
3. **Pulse Circuits:** Handling high-speed transitions without degrading.
4. **Calibration Equipment:** Used as reference standards in measurement tools.
- ⤷
What is the main advantage of using Mica capacitors over NP0/C0G ceramic capacitors?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ How does the '102' capacitance code translate to microfarads (uF)?