DM19CE102JO3-SA-R02
AI

The part number **DM19CE102JO3-SA-R02** refers to a high-precision Silver Mica capacitor, typically manufactured by Cornell Dubilier (CDE). These components are known for their extreme stability, low loss, and reliability in RF (Radio Frequency) applications.
---
## 1. Technical Specifications Breakdown
The alphanumeric code contains specific information regarding the capacitor's build and electrical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | DM19 | Standard dipped mica capacitor (Case size 19) |
| **Capacitance Code** | 102 | 1000 pF (1.0 nF) |
| **Tolerance** | J | ±5% |
| **Voltage Rating** | 3 | 300 VDC |
| **Operating Temp** | E | -55°C to +125°C |
| **Characteristic** | C | Temp. Coefficient: -20 to +100 ppm/°C |
---
## 2. Key Internal Components
### Dielectric Material (Silver Mica)
Unlike ceramic or electrolytic capacitors, this part uses **Muscovite mica**. Sheets of mica are coated with silver electrodes. This construction provides:
* **Low Dissipation Factor:** Very little energy is lost as heat.
* **High Q Factor:** Excellent for resonant circuits.
* **Non-Aging:** Unlike ceramic capacitors, mica does not lose capacitance over time.
### Physical Packaging
* **Dipped Coating:** The "SA" likely refers to the specific phenolic or epoxy coating used to protect the internal stack from moisture.
* **Lead Type:** Usually features copper-clad steel leads (solderable) arranged in a radial configuration.
---
## 3. Applications
Due to the precision of the **DM19** series, these parts are commonly found in:
1. **RF Oscillators:** Maintaining a stable frequency regardless of temperature shifts.
2. **Filter Networks:** Used in high-fidelity audio or radio tuning where tight tolerance is required.
3. **Pulse Power:** Handling high-speed voltage transitions without degradation.
4. **Calibration Equipment:** Serving as a stable reference capacitor.
---
## 4. Equivalent Comparison
| Feature | Silver Mica (DM19) | C0G/NP0 Ceramic |
| :--- | :--- | :--- |
| **Stability** | Superior | High |
| **Voltage Stress** | High Resistance | Moderate |
| **Cost** | High | Low |
| **Self-Inductance** | Very Low | Low |
- ⤷
What is the significance of the '102' capacitance code in picofarads?
- ⤷ Are there specific soldering temperature limits for mica capacitors?
- ⤷ Can this capacitor be used in AC power line filtering applications?