DM19CC100DO3-SA-R02
AI

The part number **DM19CC100DO3-SA-R02** refers to a high-precision silver mica capacitor manufactured by **Cornell Dubilier Electronics (CDE)**. These components are specifically designed for high-stability applications where temperature changes must not affect the capacitance significantly.
---
### 1. Technical Specifications
| Parameter | Specification | Details |
|:---|:---|:---|
| **Capacitance** | 10 pF | Pico-Farads |
| **Tolerance** | ±0.5 pF | Designated by "D" in the code |
| **Voltage Rating** | 500 VDC | High voltage handling capability |
| **Dielectric Type** | Silver Mica | High stability, low loss |
| **Case Style** | DM19 | Standardized mica capacitor dimensions |
| **Temperature Range** | -55°C to +125°C | Industrial/Military grade reliability |
| **Termination** | Radial Leads | Solder-coated copper clad steel |
---
### 2. Breakdown of the Part Number
* **DM19**: Identifies the physical size and case style (Standard Dipped Mica).
* **CC**: Represents the Temperature Coefficient (Stability characteristics).
* **100**: The capacitance code. The first two digits are significant (10) and the third is the multiplier ($10^0$). Result: **10 pF**.
* **D**: The tolerance code. For values under 10pF, "D" typically represents **±0.5 pF**.
* **O3**: Indicates the operating voltage (O3 corresponds to **500V** in the CDE naming convention).
* **SA**: Specific internal manufacturing or lead finish codes (often "Straight" leads).
* **R02**: Revision or specific packaging/lead spacing designation.
---
### 3. Key Features and Applications
#### Why Silver Mica?
Silver mica capacitors are used instead of ceramic or electrolytic capacitors when precision and high frequency are involved.
* **High Q Factor:** Very low electrical losses, making them ideal for RF (Radio Frequency) circuits.
* **Low Drift:** The capacitance value remains extremely steady over time.
* **Voltage Robustness:** Capable of handling high surges and high-frequency voltages without degradation.
#### Common Use Cases
1. **RF Oscillators:** Used to set frequency where drifting would cause the signal to drop.
2. **Filter Networks:** High-precision tuning in radio transmitters and receivers.
3. **Pulse Circuits:** Handling high-speed transitions due to low inductance.
4. **Snubber Circuits:** In power electronics where high voltage spikes occur.
- ⤷
What are the main differences between Silver Mica and Ceramic capacitors?
- ⤷ How do I interpret the 'CC' temperature coefficient in this part?
- ⤷ Can this capacitor be used in AC power applications or only DC?