DM15FY151JO3-RHR02
AI

The part number **DM15FY151JO3-RHR02** refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE) or a similar specialized manufacturer.
Silver mica capacitors are renowned for their stability, low loss, and high performance in RF (Radio Frequency) applications.
---
### ## Technical Specifications Breakdown
The following table decodes the part number into its specific electrical and physical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series/Size** | DM15 | Industry-standard "Dipped Mica" size 15 (approx. 11.4 x 11.4 mm). |
| **Capacitance Value** | 151 | **150 pF** (15 followed by one zero). |
| **Tolerance** | J | **±5%** (Standard precision for mica capacitors). |
| **Temperature Range** | F | -55°C to +125°C. |
| **Voltage Rating** | Y (or O3 code) | Typically rated for **300V to 500V DC**. |
| **Lead Style** | RHR02 | Specific lead spacing and finish (usually radial leads). |
---
### ### Key Features
1. **High Stability:** Mica is a natural mineral that does not change dimensions significantly with temperature, making the capacitance value extremely stable over time.
2. **Low Dissipation Factor:** It has very low energy loss, which is critical for high-frequency filtering.
3. **High dV/dt:** Excellent at handling rapid pulses of voltage.
4. **Excellent for RF:** Used extensively in circuits operating in the MHz range due to low inductance and low ESR (Equivalent Series Resistance).
---
### ### Common Applications
* **RF Oscillators:** Used to set the frequency in radio transmitters and receivers.
* **Filter Networks:** High-Q filters where precision is required.
* **Snubber Circuits:** Used in power electronics to dampen voltage spikes.
* **Audio Equipment:** Sometimes used in high-end audio for its linear characteristics.
---
### ### Comparison with Ceramic Capacitors
| Feature | Silver Mica (DM15) | Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Stability** | Exceptional | Variable (depends on dielectric like X7R vs NP0) |
| **Voltage Coefficient** | Zero (Capacitance stays same) | High (Capacitance drops as voltage increases) |
| **Cost** | High | Low |
| **Size** | Bulky | Very Small |
- ⤷
What is the maximum operating voltage for the RHR02 variant specifically?
- ⤷ Can this capacitor be used as a direct replacement for an NP0 ceramic capacitor?
- ⤷ What are the storage requirements to prevent lead oxidation on these components?