công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05FA102JO3-RHR02

  • AI
    ## DM05FA102JO3-RHR02 Electronic Component Details The **DM05FA102JO3-RHR02** is a high-precision, high-reliability **Mica Capacitor**. These components are specifically engineered for applications requiring extreme stability, low loss, and resistance to environmental stress. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Capacitance** | 1000 pF (1.0 nF) | | **Tolerance** | ±5% (indicated by 'J') | | **Voltage Rating** | 100V - 500V DC (Series dependent) | | **Dielectric Material** | Silver Mica | | **Operating Temperature** | -55°C to +125°C (up to +150°C for specific variants) | | **Termination** | Radial Leaded | | **Standard Compliance** | MIL-PRF-5 (Military Grade standards often applied) | --- ### 2. Part Number Breakdown While specific manufacturer prefixes can vary (e.g., Cornell Dubilier/CDE), the code typically breaks down as follows: * **DM05**: Represents the case size and physical dimensions (Dip Mica style). * **FA**: Temperature coefficient and characteristic (usually -20 to +100 ppm/°C). * **102**: The capacitance value. The first two digits (10) are the significant figures, and the third (2) is the multiplier ($10 \times 10^2 = 1000$ pF). * **J**: Tolerance code (±5%). * **O3**: Voltage/Packaging code. * **RHR02**: Specific processing or RoHS compliance suffixes. --- ### 3. Features and Advantages * **Excellent Stability:** Mica capacitors are known for their extremely low drift over time and temperature. * **Low Dissipation Factor:** They offer very low energy loss, making them ideal for high-frequency applications. * **High Q Factor:** Suitable for RF (Radio Frequency) circuits where high "Quality Factor" is necessary for tuning. * **Durability:** The dipped epoxy coating provides excellent moisture and shock resistance. --- ### 4. Common Applications 1. **RF Oscillators:** Used in timing circuits where frequency stability is critical. 2. **Filtering:** High-frequency pulse-handling circuits. 3. **Military & Aerospace:** Due to the "RHR" (High Reliability) designation, these are often found in avionics and defense communication systems. 4. **Audio Equipment:** Sometimes used in high-end audio crossovers or tube amplifiers for their linear performance. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between Mica and Ceramic capacitors in RF circuits?
    • ⤷ Can this specific part number be cross-referenced with a Cornell Dubilier equivalent?
    • ⤷ How does the 'J' tolerance affect the performance of a resonant circuit?