công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05EE151DO3-ST-R02

  • AI
    The part number **DM05EE151DO3-ST-R02** refers to a high-precision **Mica Capacitor**. These components are known for their extreme stability, low loss (high Q), and reliability in high-frequency applications. --- ## 1. Technical Specifications Breakdown The part number follows a standard coding convention for dipped mica capacitors. Below is the technical breakdown of its characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | **150 pF** | The "151" code translates to 15 followed by one zero. | | **Tolerance** | **±0.5% (D)** | High precision; the actual value is within 0.5% of 150pF. | | **Voltage Rating** | **500V DC** | Typical for DM05 series, suitable for high-voltage circuits. | | **Dielectric** | **Silver Mica** | Offers excellent thermal stability and low dielectric absorption. | | **Operating Temp** | **-55°C to +125°C** | Standard industrial/military temperature range. | | **Case Style** | **DM05 (Dipped)** | A small, epoxy-dipped radial leaded package. | --- ## 2. Key Internal Components ### A. Silver Mica Dielectric Unlike ceramic capacitors that use clay-based materials, this part uses **Muscovite mica** sheets. Thin layers of silver are screened directly onto the mica. This prevents air gaps and ensures the capacitance remains constant over time. ### B. Lead Termination The "ST" often refers to a specific lead style (Straight) and "R02" typically denotes RoHS compliance or a specific packaging/forming revision. The leads are usually solder-coated copper or copper-clad steel. ### C. Epoxy Coating The "Dipped" aspect refers to the phenolic or epoxy resin coating that protects the silvered mica from moisture, oxidation, and mechanical shock. --- ## 3. Typical Applications Due to its high precision and stability, this part is commonly used in: 1. **RF Oscillators:** Maintaining a stable frequency despite temperature changes. 2. **Filter Networks:** Used in high-Q filters where sharp resonance is required. 3. **Snubber Circuits:** Handling high-voltage pulses in power electronics. 4. **Calibration Equipment:** Serving as a reference standard due to its low aging rate. --- ## 4. Comparison with Ceramic Capacitors | Feature | Mica (DM05EE151...) | Ceramic (MLCC) | | :--- | :--- | :--- | | **Stability** | Excellent (Linear) | Variable (Non-linear) | | **Q-Factor** | Very High | Moderate | | **Size** | Larger | Very Small | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'D' tolerance code in RF circuit design?
    • ⤷ Can this mica capacitor be used as a direct replacement for a COG/NP0 ceramic capacitor?
    • ⤷ How does the temperature coefficient of mica compare to other dielectrics?