công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05EC151JO3-SA-R02

  • AI
    The **DM05EC151JO3-SA-R02** is a high-precision Silver Mica capacitor. These components are renowned for their stability, low loss, and reliability in Radio Frequency (RF) and high-temperature environments. ### 1. Component Overview | Attribute | Specification | | :--- | :--- | | **Component Type** | Silver Mica Capacitor | | **Capacitance** | 150 pF (Picofarads) | | **Tolerance** | ±5% (indicated by 'J') | | **Voltage Rating** | 300V - 500V (typical for DM05 series) | | **Mounting Type** | Through-Hole (Radial Leads) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows the standard industry convention for Mica capacitors: * **DM05**: Refers to the physical case size and style (Standard dipped mica). * **EC**: Temperature coefficient and characteristics (usually characteristic E). * **151**: The capacitance code. The first two digits are significant figures (15), and the third is the multiplier ($10^1$). $15 \times 10 = 150$ pF. * **J**: Tolerance code. J represents **±5%**. * **O3**: Internal manufacturer code for voltage or lead spacing. * **SA-R02**: Packaging/RoHS compliance suffix (Lead-free/Compliant). --- ### 3. Key Electronic Characteristics #### A. Dielectric Material (Silver Mica) Silver Mica is created by sandwiching mica sheets coated with silver electrodes. Unlike ceramic capacitors, mica does not age or lose capacitance over time, making it ideal for precision timing. #### B. Stability and Precision * **Low Drift:** The capacitance value remains extremely steady despite changes in temperature or voltage. * **High Q Factor:** It has very low inductive and resistive losses, which is critical for high-frequency applications. #### C. Operating Temperature These capacitors typically operate within **-55°C to +125°C**, maintaining high insulation resistance throughout the range. --- ### 4. Typical Applications Because of its 150pF value and high stability, this part is commonly used in: 1. **RF Oscillators:** Used to set the frequency in radio transmitters. 2. **Filter Networks:** Essential in tuning circuits where precise cutoff frequencies are required. 3. **Coupling/Decoupling:** Used in high-voltage power supplies where low loss is necessary. 4. **Snubber Circuits:** To suppress voltage spikes in low-power switching applications.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between Silver Mica and Ceramic capacitors for RF use?
    • ⤷ How do I interpret the '151' capacitance code on other electronic parts?
    • ⤷ What is the specific lead spacing for the DM05 package style?