DM05EA151DO3-ST-R02
AI

Based on the part number structure, the **DM05EA151DO3-ST-R02** appears to be a precision high-voltage or RF-grade **Mica Capacitor**, likely manufactured by companies like Cornell Dubilier (CDE) or similar specialized manufacturers.
---
## 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 150 pF | Indicated by "151" (15 x 10^1) |
| **Tolerance** | ±0.5 pF or ±5% | "D" often signifies a tight tolerance in pF |
| **Voltage Rating** | 500V DC | Standard for DM05 series packages |
| **Dielectric** | Silver Mica | High stability, low loss |
| **Termination** | Sn (Tin) / RoHS | "ST" usually refers to Straight Leads / Tin finish |
| **Packaging** | Tape & Reel | "R02" indicates the carrier format |
---
## 2. Component Breakdown
### A. Material: Silver Mica
Mica capacitors are renowned for their **stability**. Unlike ceramic capacitors (MLCCs), mica does not suffer from "voltage coefficient" issues (losing capacitance as voltage increases) and has extremely low aging rates.
### B. Physical Construction (DM05 Package)
* **Form Factor:** Dipped Mica (Radial leads).
* **Protection:** Epoxy coated for moisture and environmental resistance.
* **Size:** The "05" code typically refers to the miniature casing size (approx. 4.5mm x 4.5mm).
---
## 3. Key Features and Applications
### Key Features
* **High Q Factor:** Extremely low dissipation factor, making it ideal for high-frequency filters.
* **Temperature Coefficient:** Very low and predictable change over temperature ranges.
* **Reliability:** Excellent dV/dt (voltage surge) capability.
### Common Applications
1. **RF Oscillators:** Used to maintain a steady frequency.
2. **Transmission Equipment:** High-power radio transmitters.
3. **Pulse Circuits:** High-speed switching where timing is critical.
4. **Audio Equipment:** High-end audio filters where "clean" signal reproduction is required.
---
## 4. Part Number Decoding (Typical)
```text
DM 05 E A 151 D O3 -ST-R02
| | | | | | | | |
Series Size Temp Char Cap Tol Volt Leads Packaging
```
- ⤷
What are the primary advantages of using silver mica over ceramic capacitors in RF circuits?
- ⤷ Can this capacitor be used in AC power applications
- ⤷ or is it strictly DC?
- ⤷ What are the physical dimensions of the DM05 package size?