AI

## Component Analysis: DM05DY102DO3-SA-R02
The part number **DM05DY102DO3-SA-R02** refers to a high-precision **Mica Capacitor**. These components are known for their exceptional stability, high reliability, and low loss at high frequencies.
---
### 1. Technical Specifications
Below is a breakdown of the typical specifications for this component series:
| Parameter | Specification Details |
| :--- | :--- |
| **Capacitance** | 1,000 pF (1.0 nF) |
| **Tolerance** | ±0.5% (D) or ±5% (J) - *Note: 'D' usually indicates tight tolerance* |
| **Voltage Rating** | 500V DC (Typical for DM05 series) |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Case Type** | Dipped Radial Lead |
| **Lead Spacing** | ~3.0mm to 5.0mm (standard DM05 pitch) |
---
### 2. Part Number Decoder
While specific manufacturer prefixes can vary, the nomenclature typically follows this logic:
* **DM05**: Refers to the physical case size and style (Dipped Mica, Size 05).
* **DY**: Temperature coefficient and characteristic code.
* **102**: The Capacitance code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^2 = 1000$ pF).
* **D**: Tolerance code (often ±0.5%).
* **O3**: Voltage/Packaging variation code.
* **SA-R02**: Compliance or specific lead formation suffix (e.g., RoHS compliant, Tape & Reel, or specific lead crimp).
---
### 3. Key Characteristics
* **High Q Factor:** Silver mica capacitors have extremely low dissipation factors, making them ideal for RF (Radio Frequency) applications.
* **Temperature Stability:** They exhibit very little change in capacitance over a wide temperature range.
* **Low Inductance:** Their construction minimizes parasitic inductance, allowing for high-frequency performance.
* **Precision:** These parts are often chosen when a circuit requires an exact value that will not drift over time (unlike ceramic capacitors).
---
### 4. Common Applications
Due to their stability and high-frequency performance, they are commonly used in:
1. **RF Oscillators:** Maintaining frequency stability.
2. **Filter Circuits:** Precise tuning of LC filters.
3. **Pulse Circuits:** Handling high-speed voltage transitions.
4. **Audio Equipment:** Used in high-end amplifiers for signal integrity.
---
- ⤷
What is the exact voltage rating for the 'O3' suffix in this manufacturer's catalog?
- ⤷ Can this mica capacitor be substituted with a C0G/NP0 ceramic capacitor?
- ⤷ What are the physical dimensions of the DM05 case size?