DM05DE151JO3-ST-R02
AI

The part number **DM05DE151JO3-ST-R02** refers to a high-precision **Mica Capacitor**. These components are known for their extreme stability, low loss, and reliability in RF (Radio Frequency) and precision timing circuits.
Below is the detailed breakdown of its specifications and characteristics.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500V DC |
| **Dielectric Material** | Silver Mica |
| **Termination Style** | Straight Leads (Through-Hole) |
| **Operating Temperature** | -55°C to +125°C |
| **Case Type** | Dipped (Epoxy Coated) |
---
### 2. Part Number Decoder
While numbering schemes can vary slightly by manufacturer (such as Cornell Dubilier - CDE), the standard breakdown for this series is as follows:
* **DM05**: Refers to the physical size and case style (standard miniature dipped mica).
* **DE**: Temperature characteristic code (Stability of capacitance over temperature).
* **151**: Capacitance value. The first two digits (15) are significant figures; the third (1) is the multiplier ($10^1$). Result: $150$ pF.
* **J**: Tolerance code. J represents **±5%**.
* **O3**: Voltage rating code (Typically 500V for this series).
* **ST-R02**: Packaging/Lead style suffix (Straight leads, specific tape or bulk packaging).
---
### 3. Key Advantages of Mica Capacitors
Mica capacitors are preferred over ceramic or electrolytic types in specific scenarios due to:
1. **High Stability:** They exhibit very little change in capacitance over time or varying temperatures.
2. **Low Dissipation:** They have a very low "loss factor," making them ideal for high-frequency applications where heat generation must be minimized.
3. **High Precision:** They are available in very tight tolerances.
4. **Voltage Endurance:** Excellent at handling high-voltage spikes without dielectric breakdown.
---
### 4. Common Applications
* **RF Oscillators:** Used to set the frequency in radio transmitters and receivers.
* **Filter Networks:** High-Q filters for signal processing.
* **Snubber Circuits:** Protection in high-voltage power supplies.
* **Coupling/Decoupling:** In high-frequency communication equipment.
---
- ⤷
What are the main differences between Mica and Ceramic capacitors in RF circuits?
- ⤷ Can this capacitor be used in SMD (Surface Mount) designs
- ⤷ or is it strictly through-hole?
- ⤷ What is the shelf life and long-term reliability of a Silver Mica capacitor?