công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05DE151DO3-SA-R02

  • AI
    Based on the part number **DM05DE151DO3-SA-R02**, this component belongs to the **Mica Capacitor** family, typically manufactured by companies like **Cornell Dubilier (CDE)** or similar high-precision specialists. --- ## 1. Technical Specifications Breakdown The alphanumeric code represents specific physical and electrical characteristics. Here is the breakdown: | Characteristic | Value / Meaning | Description | | :--- | :--- | :--- | | **Series** | **DM05** | Standard dipped mica case size (Miniature). | | **Temp. Coefficient** | **DE** | Characteristic E (-20 to +100 ppm/°C). | | **Capacitance** | **151** | **150 pF** (15 followed by one zero). | | **Tolerance** | **D** | **±0.5 pF** (Ultra-tight tolerance). | | **Voltage** | **O3** | Typically **300V or 500V** rating (depending on series table). | | **Operating Temp** | **-S** | Standard range (usually up to 125°C or 150°C). | | **Packaging** | **A-R02** | Bulk or Ammo pack with specific lead spacing/forming. | --- ## 2. Key Attributes of Mica Capacitors Mica capacitors are chosen for high-performance applications where stability is critical. * **Extreme Stability:** They exhibit very little change in capacitance over time or varying temperatures. * **High Q Factor:** They have very low losses (low ESR), making them ideal for high-frequency (RF) applications. * **Precision:** The "D" tolerance (±0.5 pF) indicates this is a precision component used in tuned circuits. * **Voltage Handling:** Despite their small size, they handle high voltages and dV/dt (voltage spikes) very well. --- ## 3. Common Applications Due to the **150pF** value and high stability, this part is likely found in: 1. **RF Oscillators:** Used to set a precise frequency in radio transmitters or receivers. 2. **Filter Networks:** Used in band-pass or low-pass filters where the cutoff frequency must not drift. 3. **Snubber Circuits:** Small-scale snubbing in high-speed pulse applications. 4. **Audio Equipment:** High-end audio gear where "silver mica" is preferred for its linear sound characteristics. --- ## 4. Equivalent Substitution Guide If searching for a replacement, ensure the following parameters match or exceed the original: ```markdown 1. Type: Silver Mica (Dipped) 2. Capacitance: 150 pF 3. Tolerance: ±0.5 pF (Do not use ±5% or ±10% if precision is required) 4. Voltage: Minimum 500V (Commonly used safety margin) 5. Lead Spacing: 0.120" or 0.200" (Check physical dimensions) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the O3 code in the DM05 series?
    • ⤷ Can I replace a silver mica capacitor with a ceramic C0G/NP0 type?
    • ⤷ What are the physical dimensions of a DM05 case size?