DM05CC102DO3-SA-R02
AI

The **DM05CC102DO3-SA-R02** is a specialized high-voltage mica capacitor. It is designed for applications requiring high stability, precision, and low loss at high frequencies.
---
### 1. Technical Specifications
Below are the primary parameters for this specific component:
| Parameter | Value / Detail |
| :--- | :--- |
| **Capacitance** | 1000 pF (1.0 nF) |
| **Tolerance** | ±0.5 pF (or ±0.5% depending on series revision) |
| **Voltage Rating** | 300V to 500V (Standard for DM05 series) |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Termination Style** | Radial Leaded |
| **Case Type** | Dipped (Epoxy Coating) |
---
### 2. Breakdown of Part Number
While nomenclature varies slightly by manufacturer (often Cornell Dubilier or similar), the coding generally follows this logic:
* **DM05**: Refers to the physical size and case style (Miniature Dipped Mica).
* **CC**: Temperature coefficient characteristic.
* **102**: Capacitance code (10 + two zeros = 1000pF).
* **D**: Tolerance code (often signifies ±0.5% or a specific picofarad deviation).
* **O3**: Voltage rating indicator.
* **SA-R02**: Specific packaging or RoHS compliance suffix.
---
### 3. Key Characteristics
* **High Stability:** Mica capacitors are known for having almost no capacitance change over time or under varying voltage/temperature.
* **Low Dissipation Factor:** They exhibit very low loss, making them ideal for high-Q circuits.
* **Precision:** Unlike ceramic capacitors which can drift significantly, silver mica provides tight tolerances.
---
### 4. Typical Applications
These parts are rarely used in general power filtering; they are reserved for precision timing and RF circuits:
1. **RF Oscillators:** Maintaining a stable frequency.
2. **Filter Networks:** Used in tuned high-frequency circuits.
3. **Transmitters:** Handling reactive power in radio equipment.
4. **Pulse Circuits:** Due to their ability to handle high dV/dt (voltage spikes).
---
- ⤷
What are the main advantages of silver mica over ceramic COG/NP0 capacitors?
- ⤷ How does the temperature coefficient 'CC' affect this capacitor's performance?
- ⤷ Is there a direct equivalent replacement for the DM05 series in surface-mount (SMD) format?